Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-36XXB Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # IRM-36XXB
Description  Infrared Remote-control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-36XXB Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  IRM-36XXB Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-36XXB Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-36XXB Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-36XXB Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-36XXB Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-36XXB Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-36XXB Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-36XXB Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-36XXB Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 6 of 9
Device No:DMO-036-388
Prepared date:10-22-2005
Prepared by:ChinChia Hsu
IRM-36xxB SERIES
The Notice of Application:
Transmission o remote control signal consist of four parts: Encode Part, IR Transmitter Source,
IRM device, Decode Part
1. When IRM-36xxB code select frequency, it need to well understand the center system of encode
part.
2. Strong or weak light of IR Transmitter can affect distance of transmission.
3. When using IRM-36xxB device, it requires the composition of code pattern to reach the demand
as follows:
Minimum burst length & no burst length
*Minimum Burst Length > 200
μs
*Minimum No Burst Length > 300
μs
TX Recommended Repeat code frame
*Signal Gap Time > 30ms
4. It needs to ensure the translation range of decode part if it is applied to the pulse-width range.
If the above items hardly assure of its application, it’ll cause NG(no good) message from the edge
of signal.
IRM-36xxB Code Property:
Simple Code
Repeat Code
Grundig code
Best
Suppressed after a few seconds
NEC code
Best
Best
RC5 code
Best
Best
RC6 code
Best
Best
RCMM code
NG
NG
RCS-80 code
NG
NG
RCA code
NG
NG
Sharp code
Best
Best
Sony 12-bit code
Best
Good
Sony 15-bit code
Best
Suppressed after a few seconds
Sony 20-bit code
Good
Suppressed after a few seconds
Standard data rate code
Best
Best
High data rate
(4000 bit/s)
NG
NG


Similar Part No. - IRM-36XXB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-36XXA EVERLIGHT-IRM-36XXA Datasheet
219Kb / 10P
   Infrared Remote-control Receiver Module
IRM-36XXAF4 EVERLIGHT-IRM-36XXAF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-36XXC EVERLIGHT-IRM-36XXC Datasheet
693Kb / 7P
   Infrared Receiver Control
IRM-36XXD EVERLIGHT-IRM-36XXD Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module (Continuous Code)
IRM-36XXG EVERLIGHT-IRM-36XXG Datasheet
284Kb / 12P
   Infrared Remote Control Receiver Module
More results

Similar Description - IRM-36XXB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com