Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB82DP02183C-65LPBT Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB82DP02183C-65LPBT
Description  32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82DP02183C-65LPBT Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB82DP02183C-65LPBT Datasheet HTML 6Page - Fujitsu Component Limited. MB82DP02183C-65LPBT Datasheet HTML 7Page - Fujitsu Component Limited. MB82DP02183C-65LPBT Datasheet HTML 8Page - Fujitsu Component Limited. MB82DP02183C-65LPBT Datasheet HTML 9Page - Fujitsu Component Limited. MB82DP02183C-65LPBT Datasheet HTML 10Page - Fujitsu Component Limited. MB82DP02183C-65LPBT Datasheet HTML 11Page - Fujitsu Component Limited. MB82DP02183C-65LPBT Datasheet HTML 12Page - Fujitsu Component Limited. MB82DP02183C-65LPBT Datasheet HTML 13Page - Fujitsu Component Limited. MB82DP02183C-65LPBT Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MB82DP02183C-65L
10
(2) WRITE OPERATION
*1 : Maximum value is applicable if CE1 is kept at Low without any address change.
*2 : Minimum value must be equal or greater than the sum of write pulse (tCW, tWP or tBW) and write recovery time (tWR).
*3 : Write pulse is defined from High to Low transition of CE1, WE, LB or UB, whichever occurs last.
*4 : Applicable for byte mask only. Byte mask setup time is defined to the High to Low transition of CE1 or WE
whichever occurs last.
*5 : Applicable for byte mask only. Byte mask hold time is defined from the Low to High transition of CE1 or WE
whichever occurs first.
*6 : Write recovery is defined from Low to High transition of CE1, WE, LB or UB, whichever occurs first.
*7 : If OE is Low after minimum tOHCL, read cycle is initiated. In other word, OE must be brought to High within 5 ns
after CE1 is brought to Low.
*8 : If OE is Low after new address input, read cycle is initiated. In other word, OE must be brought to High at the
same time or before new address valid.
Parameter
Symbol
Value
Unit
Notes
Min
Max
Write Cycle Time
tWC
65
1000
ns
*1, *2
Address Setup Time
tAS
0
ns
*3
CE1 Write Pulse Width
tCW
40
ns
*3
WE Write Pulse Width
tWP
40
ns
*3
LB, UB Write Pulse Width
tBW
40
ns
*3
LB, UB Byte Mask Setup Time
tBS
− 5
ns
*4
LB, UB Byte Mask Hold Time
tBH
− 5
ns
*5
Write Recovery Time
tWR
0
ns
*6
CE1 High Pulse Width
tCP
12
ns
WE High Pulse Width
tWHP
12
1000
ns
LB, UB High Pulse Width
tBHP
12
1000
ns
Data Setup Time
tDS
12
ns
Data Hold Time
tDH
0
ns
OE High to CE1 Low Setup Time for Write
tOHCL
−5
ns
*7
OE High to Address Setup Time for Write
tOES
0
ns
*8
LB and UB Write Pulse Overlap
tBWO
30
ns


Similar Part No. - MB82DP02183C-65LPBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D-65LWT FUJITSU-MB82DP02183D-65LWT Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183E-65L FUJITSU-MB82DP02183E-65L Datasheet
35Kb / 1P
   32 Mbit Mobile FCRAM 3.0 V, Page Mode
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F-65L FUJITSU-MB82DP02183F-65L Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
More results

Similar Description - MB82DP02183C-65LPBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82D01171A FUJITSU-MB82D01171A Datasheet
248Kb / 27P
   16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163D-70L FUJITSU-MB82DBS02163D-70L Datasheet
736Kb / 57P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com