Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51QE128CLK Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF51QE128CLK
Description  32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QE128CLK Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF51QE128CLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51QE128CLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51QE128CLK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51QE128CLK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51QE128CLK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51QE128CLK Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51QE128CLK Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF51QE128CLK Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF51QE128CLK Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Electrical Characteristics
MCF51QE128 Series Advance Information Data Sheet, Rev. 3
Freescale Semiconductor
11
where:
TA = Ambient temperature, °C
θ
JA = Package thermal resistance, junction-to-ambient, °C/W
PD = Pint + PI/O
Pint = IDD × VDD, Watts — chip internal power
PI/O = Power dissipation on input and output pins — user determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ (if PI/O is neglected)
is:
PD = K ÷ (TJ + 273°C)
Eqn. 2
Solving Equation 1 and Equation 2 for K gives:
K = PD × (TA + 273°C) + θJA × (PD)
2
Eqn. 3
where K is a constant pertaining to the particular part. K can be determined from equation 3 by measuring PD (at equilibrium)
for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving Equation 1 and Equation 2 iteratively
for any value of TA.
3.5
ESD Protection and Latch-Up Immunity
Although damage from electrostatic discharge (ESD) is much less common on these devices than on early CMOS circuits,
normal handling precautions should be used to avoid exposure to static discharge. Qualification tests are performed to ensure
that these devices can withstand exposure to reasonable levels of static without suffering any permanent damage.
All ESD testing is in conformity with AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits. During
the device qualification ESD stresses were performed for the human body model (HBM), the machine model (MM) and the
charge device model (CDM).
A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device specification. Complete
DC parametric and functional testing is performed per the applicable device specification at room temperature followed by hot
temperature, unless specified otherwise in the device specification.
Table 6. ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human
Body
Series resistance
R1
1500
Ω
Storage capacitance
C
100
pF
Number of pulses per pin
3
Machine
Series resistance
R1
0
Ω
Storage capacitance
C
200
pF
Number of pulses per pin
3
Latch-up
Minimum input voltage limit
– 2.5
V
Maximum input voltage limit
7.5
V


Similar Part No. - MCF51QE128CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51QE128CLK FREESCALE-MCF51QE128CLK Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
More results

Similar Description - MCF51QE128CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51QE128 FREESCALE-MCF51QE128_08 Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08EL32 FREESCALE-MC9S08EL32 Datasheet
4Mb / 356P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LC60_0707 FREESCALE-MC9S08LC60_0707 Datasheet
3Mb / 360P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QD4 FREESCALE-MC9S08QD4_07 Datasheet
2Mb / 202P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC16 FREESCALE-MC9S08AC16_08 Datasheet
3Mb / 344P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com