Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H838023 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # H838023
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
Download  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838023 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button H838023 Datasheet HTML 6Page - Renesas Technology Corp H838023 Datasheet HTML 7Page - Renesas Technology Corp H838023 Datasheet HTML 8Page - Renesas Technology Corp H838023 Datasheet HTML 9Page - Renesas Technology Corp H838023 Datasheet HTML 10Page - Renesas Technology Corp H838023 Datasheet HTML 11Page - Renesas Technology Corp H838023 Datasheet HTML 12Page - Renesas Technology Corp H838023 Datasheet HTML 13Page - Renesas Technology Corp H838023 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page x of xlii
Item
Page
Revision (See Manual for Details)
1.1 Overview
Table 1.1 Features
3, 6
Table amended
Item
Specification
Clock pulse
generators
Two on-chip clock pulse generators
• System clock pulse generator:
1.0 to 16 MHz: H8/38024 Group
1.0 to 10 MHz: HD64F38024, HD64F38024R, and H8/38024S Group
2.0 to 20 MHz: H8/38124 Group
• Subclock pulse generator:
32.768 kHz, 38.4 kHz
* (* does not apply to H8/38124 Group)
H8/38124 Group equipped with on-chip oscillator
Item
Specification
Product Code
Mask ROM Version
ZTAT Version
F-ZTAT Version
Package
ROM/RAM Size
(Byte)
Product lineup
HD64338122
HD64F38122
FP-80A
TFP-80C
16K/1K
1.2 Internal Block
Diagram
Figure 1.1(1) Block
Diagram (H8/38024
Group, H8/38024R
Group, and
H8/38024S Group)
7
Figure amended
Asynchronous
counter
(16 bits)
PA3/COM4
PA2/COM3
PA1/COM2
PA0/COM1
IRQAEC
Figure 1.1(2) Block
Diagram (H8/38124
Group)
8
Figure amended
Asynchronous
counter
(16 bits)
PA3/COM4
PA2/COM3
PA1/COM2
PA0/COM1
IRQAEC
1.3.1 Pin
Arrangement
Figure 1.2(1) Pin
Arrangement
(FP-80A, TFP-80C:
Top View, H8/38024
Group, H8/38024R
Group, H8/38024S
Group)
9
Description amended
The H8/38024 Group, H8/38024R Group, H8/38024S Group,
and H8/38124 Group pin arrangements are shown in figures
1.2, 1.3, and 1.4.
Figure title amended
Figure 1.3 Pin
Arrangement
(FP-80B: Top View,
H8/38024 Group,
H8/38024R Group)
11
Title amended


Similar Part No. - H838023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838023 RENESAS-H838023 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
More results

Similar Description - H838023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83827R RENESAS-H83827R Datasheet
5Mb / 663P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD6473847RHV RENESAS-HD6473847RHV Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83847R RENESAS-H83847R Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H838024 RENESAS-H838024_10 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802_10 Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838524 RENESAS-H838524 Datasheet
3Mb / 544P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com