Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA1570HL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UAA1570HL
Description  Global Positioning System GPS front-end receiver circuit
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA1570HL Datasheet(HTML) 3 Page - NXP Semiconductors

  UAA1570HL Datasheet HTML 1Page - NXP Semiconductors UAA1570HL Datasheet HTML 2Page - NXP Semiconductors UAA1570HL Datasheet HTML 3Page - NXP Semiconductors UAA1570HL Datasheet HTML 4Page - NXP Semiconductors UAA1570HL Datasheet HTML 5Page - NXP Semiconductors UAA1570HL Datasheet HTML 6Page - NXP Semiconductors UAA1570HL Datasheet HTML 7Page - NXP Semiconductors UAA1570HL Datasheet HTML 8Page - NXP Semiconductors UAA1570HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
1999 May 10
3
Philips Semiconductors
Product specification
Global Positioning System (GPS) front-end
receiver circuit
UAA1570HL
1
FEATURES
• Complete single-chip programmable
double-superheterodyne C/A-code GPS receiver
• Programmable high IF frequencies supporting
wideband/P-code GPS and Global Navigation Satellite
System (GLONASS) applications
• Supports frequency plans with a 2nd IF of
4
× f0(1.023 MHz) = 4.092 MHz
• 48-pin LQFP package
•−40 to +85 °C operating temperature range
• 2.7 V minimum supply voltage
• Low DC power consumption [57 mA typical with both
Low-Noise Amplifiers (LNAs) active]
• Power-down mode (<900 µA)
• Typical receiver noise figure at 1.57542 GHz: 4.5 dB
• Typical phase noise −72 dBc/Hz at 10 kHz offset
• Simple microstrip LNA1/2 and first mixer matching
• Single pin VCO with external varactor and resonator
• Digital Phase Locked Loop (DPLL) synthesizer with
programmable VCO, 2nd Local Oscillator (LO) and
reference dividers
• 3-bit synthesizer and power-down control input
• Reference and independent sample clock input with
internal squaring
• 1-bit amplitude quantized and time sampled TTL/CMOS
compatible output driver
• High active gain supporting SAW filter applications
• Configurable for external first LNA applications.
2
GENERAL DESCRIPTION
The UAA1570HL is a complete single-chip
double-superheterodyne receiver front-end intended for
GPS and GLONASS navigation systems. The IC includes
a programmable on-chip DPLL synthesizer, VCO with
external varactor and resonator, a 1-bit amplitude
quantizer and a time sampled TTL/CMOS compatible
SIGN output bit driver. It can be used with either an active
or passive antenna system by disabling or enabling the
on-chip LNAs and is ideally suited for low power GPS
receiver applications because of its 3 V supply and the
power management features through control pins.
Programmable prescaler controls provide the flexibility of
using different frequency schemes.
The UAA1570HL is optimized to provide SIGN bit data to
the companion Philips part, the SAA1575HL baseband
digital signal processor. The SAA1575HL can provide the
sample clock input to the UAA1570HL by dividing a
TTL/CMOS level reference clock signal down to a
programmable sampling clock output frequency. Both ICs
can also be used independently.
The UAA1570HL is supplied in a low profile, 48-pin LQFP
package for excellent Radio Frequency (RF) performance
and small size.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UAA1570HL
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2


Similar Part No. - UAA1570HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UAA1001 ETC1-UAA1001 Datasheet
140Kb / 5P
   Integrierte Schaltungen fur die Konsumelektronik
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
UAA1041B MOTOROLA-UAA1041B Datasheet
92Kb / 4P
   AUTOMOTIVE DIRECTION INDICATOR
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
   Phase Control Circuit for Industrial Applications
logo
List of Unclassifed Man...
UAA145 ETC1-UAA145 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - UAA1570HL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2742 MAXIM-MAX2742 Datasheet
573Kb / 8P
   Single-Chip Global Positioning System Receiver Front-End
Rev 0; 11/04
MAX2745 MAXIM-MAX2745 Datasheet
410Kb / 9P
   Single-Chip Global Positioning System Receiver Front-End
Rev 0; 10/04
logo
NXP Semiconductors
SAA1575HL PHILIPS-SAA1575HL Datasheet
744Kb / 56P
   Global Positioning System GPS baseband processor
1999 Jun 04
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
   GPS Front-End Module
Rev.3.1, Oct. 2009
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11_10 Datasheet
372Kb / 12P
   GPS Front-End Module
Rev.3.2, Oct. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com