Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2068AHL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UAA2068AHL
Description  Transmit chain and synthesizer with integrated VCO for DECT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2068AHL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UAA2068AHL Datasheet HTML 2Page - NXP Semiconductors UAA2068AHL Datasheet HTML 3Page - NXP Semiconductors UAA2068AHL Datasheet HTML 4Page - NXP Semiconductors UAA2068AHL Datasheet HTML 5Page - NXP Semiconductors UAA2068AHL Datasheet HTML 6Page - NXP Semiconductors UAA2068AHL Datasheet HTML 7Page - NXP Semiconductors UAA2068AHL Datasheet HTML 8Page - NXP Semiconductors UAA2068AHL Datasheet HTML 9Page - NXP Semiconductors UAA2068AHL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1999 Jun 04
6
Philips Semiconductors
Product specification
Transmit chain and synthesizer with
integrated VCO for DECT
UAA2068AHL
Fig.2 Pin configuration.
handbook, full pagewidth
UAA2068AHL
FCA070
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DATA
VCC(SYD)
SYDGND
XTAL
VCC(SYA)
SYAGND
CPGND
CP
VCC(VCO)
VMOD
VCOA
VREG
VCGND
VCOB
VTUNE
VCOGND
FUNCTIONAL DESCRIPTION
Transmit chain
VCO, BUFFER AND FREQUENCY DOUBLER
The VCO operates at a nominal centre frequency of
950 MHz. The VCO is fully integrated apart from two
inductors which complete the resonator network. The VCO
operates from an on-chip regulated power supply (VREG),
which minimizes frequency disturbances due to variations
in supply voltage. The buffered VCO signal is fed into a
frequency doubler. The large difference between the
transmitted and VCO frequencies reduces transmitter
oscillator coupling problems.
The output of the doubler is used to drive the synthesizer
main divider and can also be switched to either the TX
preamplifier or the RX LO output buffer. The high isolation
obtained from the VCO buffer and the frequency doubler
ensures that very small frequency changes occur when
turning on the TX preamplifier or the RX LO output buffer.
In TX mode, the oscillator can be directly modulated with
GMSK filtered data at pin VMOD.
RF SWITCH
The RF switch passes the doubled VCO signal to either
the TX preamplifier (when T_EN is HIGH) or to the RX LO
buffer (when T_EN is LOW). In TX mode, the difference in
the RF power levels, observed at the TX output when
T_EN is switched from LOW-to-HIGH, is typically 40 dB.
TX PREAMPLIFIER
The TX preamplifier amplifies the RF signal up to a level of
3 dBm which is suitable for use with Philips
Semiconductors DECT power amplifiers such as the
CGY20xx series. It is powered-up when both R_OFF and
VCO_ON are HIGH.
RX LO BUFFER
The RX LO buffer outputs the frequency doubled VCO
signal at a level of
−14 dBm. This signal can then be used
as the local oscillator drive for the receive mixers of
devices such as the UAA3540TS. The buffer is
powered-up when R_OFF is LOW and VCO_ON is HIGH.


Similar Part No. - UAA2068AHL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068 PHILIPS-UAA2068 Datasheet
132Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1998 Nov 19
UAA2068G PHILIPS-UAA2068G Datasheet
132Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1998 Nov 19
More results

Similar Description - UAA2068AHL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068G PHILIPS-UAA2068G Datasheet
132Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1998 Nov 19
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com