Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2068 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UAA2068
Description  Transmit chain and synthesizer with integrated VCO for DECT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2068 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UAA2068 Datasheet HTML 5Page - NXP Semiconductors UAA2068 Datasheet HTML 6Page - NXP Semiconductors UAA2068 Datasheet HTML 7Page - NXP Semiconductors UAA2068 Datasheet HTML 8Page - NXP Semiconductors UAA2068 Datasheet HTML 9Page - NXP Semiconductors UAA2068 Datasheet HTML 10Page - NXP Semiconductors UAA2068 Datasheet HTML 11Page - NXP Semiconductors UAA2068 Datasheet HTML 12Page - NXP Semiconductors UAA2068 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 Nov 19
9
Philips Semiconductors
Product specification
Transmit chain and synthesizer with
integrated VCO for DECT
UAA2068G
Table 2
Bit allocation; notes 1 and 2
Notes
1. X = don’t care.
2. In normal operation, only 8 bits are programmed into the register.
3. For normal operation, b15 to b8 do not need to be programmed.
4. The validation bit (b7) must be programmed with zero for normal operation.
5. Bit b6 is the MSB of the main divider coefficient.
6. The main divider ratio is equal to 1024 plus the programmed value (see Table 3).
Table 3
Main divider programming
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Pins short-circuited internally must be short-circuited externally.
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
FIRST
IN
REGISTER BIT ALLOCATION
LAST
IN
DATA FIELD
b15(3)
b14(3)
b13(3) b12(3) b11(3) b10(3)
b9(3)
b8(3)
b7(4)
b6(5)
b5
b4
b3
b2
b1
b0
X
X
XXXXXX
0
main divider programming(6)
b6
b5
b4
b3
b2
b1
b0
MAIN DIVIDER
RATIO
SYNTHESIZED
FREQUENCY (MHz)
Binary equivalent of n
1024 + n
1.728
× (1024 + n)
1000001
1089
1881.792
1001010
1098
1897.344
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+5.5
V
VCC(CP)
charge-pump supply voltage
−0.3
+5.5
V
VCC(CP) − VCC
difference in voltage between VCC(CP) and VCC
−0.3
+5.5
V
∆GND
difference in ground supply voltage applied
between all ground pins
note 1
0.3
V
Ptot
total power dissipation
275
mW
Tstg
storage temperature
−55
+125
°C
Tamb
operating ambient temperature
−10
+60
°C
Tj
junction temperature
150
°C


Similar Part No. - UAA2068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068AHL PHILIPS-UAA2068AHL Datasheet
121Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1999 Jun 04
More results

Similar Description - UAA2068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068AHL PHILIPS-UAA2068AHL Datasheet
121Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1999 Jun 04
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com