Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2068 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UAA2068
Description  Transmit chain and synthesizer with integrated VCO for DECT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2068 Datasheet(HTML) 2 Page - NXP Semiconductors

  UAA2068 Datasheet HTML 1Page - NXP Semiconductors UAA2068 Datasheet HTML 2Page - NXP Semiconductors UAA2068 Datasheet HTML 3Page - NXP Semiconductors UAA2068 Datasheet HTML 4Page - NXP Semiconductors UAA2068 Datasheet HTML 5Page - NXP Semiconductors UAA2068 Datasheet HTML 6Page - NXP Semiconductors UAA2068 Datasheet HTML 7Page - NXP Semiconductors UAA2068 Datasheet HTML 8Page - NXP Semiconductors UAA2068 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Nov 19
2
Philips Semiconductors
Product specification
Transmit chain and synthesizer with
integrated VCO for DECT
UAA2068G
FEATURES
• Economical integrated solution for frequency generation
in DECT cordless telephones
• Integrated low phase noise 950 MHz VCO with
frequency doubler
• Local Oscillator (LO) drive (−14 dBm) for RF mixer
circuit
• Dedicated DECT PLL synthesizer
• 3-line serial interface bus
• 3 dBm output preamplifier with an integrated switch
• Low current consumption from 3 V supply
• Compatible with Philips Semiconductors ABC baseband
chip (PCD509x series).
APPLICATIONS
• 1880 to 1920 MHz DECT cordless telephones.
GENERAL DESCRIPTION
The UAA2068G BiCMOS device integrates a 950 MHz
VCO, a frequency doubler, main and reference dividers
and a phase comparator, to implement a phase-locked
loop for DECT channel frequencies. The 1.9 GHz signal is
buffered and switched, in TX mode, to drive the transmit
power amplifier (CGY20xx series) or, in RX mode, to be
used as an LO signal for the receiver mixer IC (UAA2078).
The synthesizer’s main divider is driven by the frequency
doubler output in the range from 1880 to 1920 MHz and
programmed via a 3-wire serial bus.
The reference divider ratio is fixed at 8. Outputs of the
main and reference dividers drive a phase comparator
where a charge pump produces phase error current pulses
for integration in an external loop filter. Only a passive loop
filter is necessary. The charge-pump current (phase
comparator gain) is set by an external resistor at pin RSET.
The VCO is powered from an internally regulated voltage
source and includes internal varicap diodes. Its tuning
range is wider than the required band to allow for
production spreads. In a TDMA system such as DECT, the
VCO and the synthesizer are switched on one slot before
the required one to lock the VCO to the required channel
frequency. Just before the required slot, the synthesizer is
switched off, allowing open-loop modulation of the VCO
during transmission. When opening the loop, the
frequency pulling (due to switching off the synthesizer) can
be maintained within the DECT specification.
The device is designed to operate from 3 NiCd cells in
pocket phones, with low current and nominal 3.6 V
supplies. Separate power and ground pins are provided to
the different parts of the circuit. The ground leads should
be short-circuited externally to prevent large currents
flowing across the die and thus causing damage.
All supply pins (VCC) must also be at the same potential,
except VCC(CP) which can be equal to or greater than the
other supply pins (e.g. VCC = 3 V and VCC(CP) = 5 V for
wider VCO control voltage range).
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UAA2068G
LQFP32
plastic low profile quad flat package; 32 leads; body 5
× 5 × 1.4 mm
SOT401-1


Similar Part No. - UAA2068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068AHL PHILIPS-UAA2068AHL Datasheet
121Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1999 Jun 04
More results

Similar Description - UAA2068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068AHL PHILIPS-UAA2068AHL Datasheet
121Kb / 20P
   Transmit chain and synthesizer with integrated VCO for DECT
1999 Jun 04
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com