Electronic Components Datasheet Search |
|
UAA2073M Datasheet(PDF) 7 Page - NXP Semiconductors |
|
UAA2073M Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 16 page 1995 Dec 07 7 Philips Semiconductors Product specification Image rejecting front-end for GSM applications UAA2073M Table 1 Control of power status LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). THERMAL CHARACTERISTICS HANDLING Every pin withstands the ESD test in accordance with MIL-STD-883C class 2 (method 3015.5). EXTERNAL PIN LEVEL CIRCUIT MODE OF OPERATION TXON RXON SYNTHON LOW LOW LOW power-down mode LOW HIGH LOW RX mode: receive section and LO buffers to RX on HIGH LOW LOW TX mode: transmit section and LO buffers to TX on LOW LOW HIGH synthon mode: complete LO section on LOW HIGH HIGH SRX mode: receive section on and synthon mode active HIGH LOW HIGH STX mode: transmit section on and synthon mode active HIGH HIGH LOW receive and transmit sections on; specification not guaranteed HIGH HIGH HIGH receive and transmit sections on; specification not guaranteed SYMBOL PARAMETER MIN. MAX. UNIT VCC supply voltage − 9V ∆GND difference in ground supply voltage applied between GND1 and GND2 − 0.6 V Pl(max) maximum power input − +20 dBm Pdis(max) maximum power dissipation in quiet air − 250 mW Tj(max) maximum operating junction temperature − +150 °C Tstg storage temperature −65 +150 °C SYMBOL PARAMETER VALUE UNIT Rth j-a thermal resistance from junction to ambient in free air 120 K/W |
Similar Part No. - UAA2073M |
|
Similar Description - UAA2073M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |