Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2077 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UAA2077
Description  2 GHz image rejecting front-end
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2077 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UAA2077 Datasheet HTML 2Page - NXP Semiconductors UAA2077 Datasheet HTML 3Page - NXP Semiconductors UAA2077 Datasheet HTML 4Page - NXP Semiconductors UAA2077 Datasheet HTML 5Page - NXP Semiconductors UAA2077 Datasheet HTML 6Page - NXP Semiconductors UAA2077 Datasheet HTML 7Page - NXP Semiconductors UAA2077 Datasheet HTML 8Page - NXP Semiconductors UAA2077 Datasheet HTML 9Page - NXP Semiconductors UAA2077 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1995 Dec 13
6
Philips Semiconductors
Product specification
2 GHz image rejecting front-end
UAA2077BM
Local oscillator section
The local oscillator (LO) input directly drives the two
internal all-pass networks to provide quadrature LO to the
receive mixers.
The centre frequency of the receive band is adjustable by
the voltage on pin VQUADLO. This should be achieved by
connecting a resistor between VQUADLO and VCC. Over
25 dB of image rejection can be obtained by an optimum
resistor value.
A synthesizer-ON mode (SX mode) is used to power-up all
LO input buffers, thus minimizing the pulling effect on the
external VCO when entering the receive or transmit mode.
This mode is active when SXON = 1.
Transmit mixer
This mixer is used for down-conversion to the transmit IF.
Its inputs are coupled to the transmit RF which is
down-converted to a modulated transmit IF frequency,
phase-locked with the baseband modulation.
The IF outputs are high-impedance (open-collector type).
Typical application will load the output with a differential
500
Ω load; for example, a 500 Ω resistor load, connected
to VCC for DC path, at each TX output, plus a differential
1k
Ω consisting of the input impedance of the matching
network for the following TX part. The mixer can also be
used for frequency up-conversion.
Fast switching ON/OFF, of the transmit section is
controlled by the hardware input TXON.
Fig.4 Block diagram, LO section.
handbook, halfpage
MGD156
LOINB
to TX
to RX
LOINA
QUAD
VQUADLO
LOGND
VCCLO
Fig.5 Block diagram, transmit mixer.
handbook, halfpage
MGD153
TXINA
TXINB
TXON
LOIN
TX MIXER
TXOA
TXOB
Table 1 Control of power status
EXTERNAL PIN LEVEL
CIRCUIT MODE OF OPERATION
TXON
RXON
SXON
LOW
LOW
LOW
power-down mode
LOW
HIGH
LOW
RX mode, fLO <fRF: receive section and LO buffers to RX on
HIGH
LOW
LOW
TX mode: transmit section and LO buffers to TX on
LOW
LOW
HIGH
SX mode: complete LO section on
LOW
HIGH
HIGH
SRX mode, fLO <fRF: receive section on and SX mode active
HIGH
LOW
HIGH
STX mode: transmit section on and SX mode active
HIGH
HIGH
LOW
RX mode, fLO >fRF: receive section and LO buffers to RX on
HIGH
HIGH
HIGH
SRX mode, fLO >fRF: receive section on and SX mode active


Similar Part No. - UAA2077

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
UAA2077TS PHILIPS-UAA2077TS Datasheet
69Kb / 16P
   2 GHz image rejecting front-end
2000 Apr 17
UAA2077TS/D PHILIPS-UAA2077TS/D Datasheet
69Kb / 16P
   2 GHz image rejecting front-end
2000 Apr 17
More results

Similar Description - UAA2077

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
UAA2077TS PHILIPS-UAA2077TS Datasheet
69Kb / 16P
   2 GHz image rejecting front-end
2000 Apr 17
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2073AM PHILIPS-UAA2073AM Datasheet
157Kb / 20P
   Image rejecting front-end for GSM applications
1997 Jan 27
UAA2073M PHILIPS-UAA2073M Datasheet
105Kb / 16P
   Image rejecting front-end for GSM applications
1995 Dec 07
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
logo
Skyworks Solutions Inc.
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com