Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2077TS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UAA2077TS
Description  2 GHz image rejecting front-end
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2077TS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UAA2077TS Datasheet HTML 7Page - NXP Semiconductors UAA2077TS Datasheet HTML 8Page - NXP Semiconductors UAA2077TS Datasheet HTML 9Page - NXP Semiconductors UAA2077TS Datasheet HTML 10Page - NXP Semiconductors UAA2077TS Datasheet HTML 11Page - NXP Semiconductors UAA2077TS Datasheet HTML 12Page - NXP Semiconductors UAA2077TS Datasheet HTML 13Page - NXP Semiconductors UAA2077TS Datasheet HTML 14Page - NXP Semiconductors UAA2077TS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Apr 17
11
Philips Semiconductors
Preliminary specification
2 GHz image rejecting front-end
UAA2077TS
Suitability of surface mount IC packages for wave and reflow soldering methods
Notes
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink
(at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version).
3. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm;
it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
PACKAGE
SOLDERING METHOD
WAVE
REFLOW(1)
BGA, LFBGA, SQFP, TFBGA
not suitable
suitable
HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, SMS
not suitable(2)
suitable
PLCC(3), SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended(3)(4)
suitable
SSOP, TSSOP, VSO
not recommended(5)
suitable


Similar Part No. - UAA2077TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2077 PHILIPS-UAA2077 Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2077BM PHILIPS-UAA2077BM Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
More results

Similar Description - UAA2077TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
UAA2077BM PHILIPS-UAA2077BM Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2073AM PHILIPS-UAA2073AM Datasheet
157Kb / 20P
   Image rejecting front-end for GSM applications
1997 Jan 27
UAA2073M PHILIPS-UAA2073M Datasheet
105Kb / 16P
   Image rejecting front-end for GSM applications
1995 Dec 07
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
logo
Skyworks Solutions Inc.
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com