Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2077TS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UAA2077TS
Description  2 GHz image rejecting front-end
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2077TS Datasheet(HTML) 3 Page - NXP Semiconductors

  UAA2077TS Datasheet HTML 1Page - NXP Semiconductors UAA2077TS Datasheet HTML 2Page - NXP Semiconductors UAA2077TS Datasheet HTML 3Page - NXP Semiconductors UAA2077TS Datasheet HTML 4Page - NXP Semiconductors UAA2077TS Datasheet HTML 5Page - NXP Semiconductors UAA2077TS Datasheet HTML 6Page - NXP Semiconductors UAA2077TS Datasheet HTML 7Page - NXP Semiconductors UAA2077TS Datasheet HTML 8Page - NXP Semiconductors UAA2077TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 Apr 17
3
Philips Semiconductors
Preliminary specification
2 GHz image rejecting front-end
UAA2077TS
BLOCK DIAGRAM
handbook, full pagewidth
FCA012
14
11
LOGND
135
°
135
°
16
QUADRATURE
PHASE
SHIFTER
IF
COMBINER
13
VCCLO
LOCAL OSCILLATOR SECTION
RECEIVE SECTION
1
6
LNAGND
2, 5, 8
n.c.
9
GND
10
RXON
7
SXON
4
RFINB
3
RFINA
LNA
12
LOINB LOINA
×
45
°
45
°
×
15
VCCLNA
IFA
IFB
UAA2077TS
Fig.1 Block diagram.
PINNING
SYMBOL
PIN
DESCRIPTION
VCCLNA
1
supply voltage for receive section
(LNA and IF parts)
n.c.
2
not connected
RFINA
3
RF input A (balanced)
RFINB
4
RF input B (balanced)
n.c.
5
not connected
LNAGND
6
ground for receive section (LNA and
IF parts)
SXON
7
SX mode enable input (see Table 1)
n.c.
8
not connected
GND
9
ground
RXON
10
RX mode enable input (see Table 1)
LOINB
11
LO input B (balanced)
LOINA
12
LO input A (balanced)
VCCLO
13
supply voltage for LO section
LOGND
14
ground for LO section
IFA
15
IF output A (balanced)
IFB
16
IF output B (balanced)
handbook, halfpage
UAA2077TS
FCA011
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCLNA
n.c.
RFINA
RFINB
n.c.
LNAGND
SXON
n.c.
GND
RXON
LOINB
LOINA
VCCLO
LOGND
IFA
IFB
Fig.2 Pin configuration.


Similar Part No. - UAA2077TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2077 PHILIPS-UAA2077 Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2077BM PHILIPS-UAA2077BM Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
More results

Similar Description - UAA2077TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
UAA2077BM PHILIPS-UAA2077BM Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2073AM PHILIPS-UAA2073AM Datasheet
157Kb / 20P
   Image rejecting front-end for GSM applications
1997 Jan 27
UAA2073M PHILIPS-UAA2073M Datasheet
105Kb / 16P
   Image rejecting front-end for GSM applications
1995 Dec 07
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
logo
Skyworks Solutions Inc.
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com