Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2080T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UAA2080T
Description  Advanced pager receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2080T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UAA2080T Datasheet HTML 2Page - NXP Semiconductors UAA2080T Datasheet HTML 3Page - NXP Semiconductors UAA2080T Datasheet HTML 4Page - NXP Semiconductors UAA2080T Datasheet HTML 5Page - NXP Semiconductors UAA2080T Datasheet HTML 6Page - NXP Semiconductors UAA2080T Datasheet HTML 7Page - NXP Semiconductors UAA2080T Datasheet HTML 8Page - NXP Semiconductors UAA2080T Datasheet HTML 9Page - NXP Semiconductors UAA2080T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
1996 Jan 15
6
Philips Semiconductors
Product specification
Advanced pager receiver
UAA2080
Table 1
Tolerances of components shown in Figs 1 and 2 (notes 1 and 2)
Notes
1. Recommended crystal: fXTAL = 57.647 MHz (crystal with 8 pF load), 3rd overtone, pullability >2.75 × 10−6/pF
(change in frequency between series resonance and resonance with 8 pF series capacitor at 25
°C), dynamic
resistance R1
< 40 Ω, ∆f= ±5 × 10−6 for Tamb = −10 to +55 °C with 25 °C reference, calibration plus aging tolerance:
−5 × 10−6 to +15 × 10−6.
2. This crystal recommendation is based on economic aspects and practical experience. Normally the spreads for R1,
pullability and calibration do not show their worst case limits simultaneously in one crystal. In such a rare event, the
tuning range will be reduced to an insufficient level.
COMPONENT
TOLERANCE
(%)
REMARK
Inductances
L1
±5Qmin = 100 at 173 MHz
L2, L3, L6, L7
±20
Qmin = 50 at 173 MHz; TC = (+25 to +125) × 10−6/K
L4, L5
±10
Qmin = 30 at 173 MHz; TC = (+25 to +125) × 10−6/K
L8
±20
Qmin = 30 at 173 MHz; TC = (+25 to +125) × 10−6/K
L9
±10
Qmin = 30 at 57 MHz; TC = (+25 to +125) × 10−6/K
Resistors
R1 to R7
±2
TC = +50
× 10−6/K
Capacitors
C1, C2, C7, C8, C9, C15
±5TC = (0 ±30) × 10−6/K; tan δ≤ 30 × 10−4 at 1 MHz
C3, C6, C12
TC =
(−750 ±300) × 10−6/K; tan δ≤ 50 × 10−4 at 1 MHz
C4, C5, C14, C18, C19
±10
TC = (0
±30) × 10−6/K; tan δ≤ 10 × 10−4 at 1 MHz
C10, C11
±5TC = (0 ±30) × 10−6/K; tan δ≤ 21 × 10−4 at 1 MHz
C13
±20
C16
TC =
(−1700 ±500) × 10−6/K; tan δ≤ 50 × 10−4 at 1 MHz
C17
±5TC = (0 ±30) × 10−6/K; tan δ≤ 26 × 10−4 at 1 MHz


Similar Part No. - UAA2080T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2082 PHILIPS-UAA2082 Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
UAA2082H PHILIPS-UAA2082H Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
UAA2082U PHILIPS-UAA2082U Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
More results

Similar Description - UAA2080T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2082 PHILIPS-UAA2082 Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
logo
Samsung semiconductor
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
NXP Semiconductors
TEF701X_SDS PHILIPS-TEF701X_SDS_15 Datasheet
127Kb / 8P
   Scalable advanced background receiver
Rev. 1-30 July 2013
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500 Datasheet
111Kb / 1P
   ADVANCED MODULATION SATELLITE RECEIVER
BCM4500 BOARDCOM-BCM4500_03 Datasheet
133Kb / 2P
   ADVANCED MODULATION SATELLITE RECEIVER
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
   Pager Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com