Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2080T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UAA2080T
Description  Advanced pager receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2080T Datasheet(HTML) 3 Page - NXP Semiconductors

  UAA2080T Datasheet HTML 1Page - NXP Semiconductors UAA2080T Datasheet HTML 2Page - NXP Semiconductors UAA2080T Datasheet HTML 3Page - NXP Semiconductors UAA2080T Datasheet HTML 4Page - NXP Semiconductors UAA2080T Datasheet HTML 5Page - NXP Semiconductors UAA2080T Datasheet HTML 6Page - NXP Semiconductors UAA2080T Datasheet HTML 7Page - NXP Semiconductors UAA2080T Datasheet HTML 8Page - NXP Semiconductors UAA2080T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1996 Jan 15
3
Philips Semiconductors
Product specification
Advanced pager receiver
UAA2080
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
1.9
2.05
3.5
V
IP
supply current
2.3
2.7
3.2
mA
IP(off)
stand-by current
−−
3
µA
Pi(ref)
RF input sensitivity
BER
3100; ±4 kHz deviation;
data rate 1200 bits/s; Tamb =25 °C
fi(RF) = 173 MHz
−−126.5 −123.5 dBm
fi(RF) = 470 MHz
−−124.5 −121.5 dBm
fi(RF) = 930 MHz
−−120.0 −114.0 dBm
Pi(mix)
mixer input sensitivity
BER
3100; fi(RF) = 470 MHz;
±4 kHz deviation;
data rate 1200 bits/s; Tamb =25 °C
−−115.0 −110.0 dBm
Vth
detection threshold for battery
LOW indicator
1.95
2.05
2.15
V
Tamb
operating ambient temperature
−10
+70
°C


Similar Part No. - UAA2080T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2082 PHILIPS-UAA2082 Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
UAA2082H PHILIPS-UAA2082H Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
UAA2082U PHILIPS-UAA2082U Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
More results

Similar Description - UAA2080T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2082 PHILIPS-UAA2082 Datasheet
457Kb / 40P
   Advanced pager receiver
1996 Jan 15
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
logo
Samsung semiconductor
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
NXP Semiconductors
TEF701X_SDS PHILIPS-TEF701X_SDS_15 Datasheet
127Kb / 8P
   Scalable advanced background receiver
Rev. 1-30 July 2013
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500 Datasheet
111Kb / 1P
   ADVANCED MODULATION SATELLITE RECEIVER
BCM4500 BOARDCOM-BCM4500_03 Datasheet
133Kb / 2P
   ADVANCED MODULATION SATELLITE RECEIVER
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
   Pager Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com