Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2082H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UAA2082H
Description  Advanced pager receiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2082H Datasheet(HTML) 2 Page - NXP Semiconductors

  UAA2082H Datasheet HTML 1Page - NXP Semiconductors UAA2082H Datasheet HTML 2Page - NXP Semiconductors UAA2082H Datasheet HTML 3Page - NXP Semiconductors UAA2082H Datasheet HTML 4Page - NXP Semiconductors UAA2082H Datasheet HTML 5Page - NXP Semiconductors UAA2082H Datasheet HTML 6Page - NXP Semiconductors UAA2082H Datasheet HTML 7Page - NXP Semiconductors UAA2082H Datasheet HTML 8Page - NXP Semiconductors UAA2082H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1996 Jan 15
2
Philips Semiconductors
Product specification
Advanced pager receiver
UAA2082
FEATURES
• Wide frequency range: VHF, UHF and 900 MHz bands
• High sensitivity
• High dynamic range
• Electronically adjustable filters on chip
• Suitable for data rates up to 2400 bits/s
• Wide frequency offset and deviation range
• Fully POCSAG compatible FSK receiver
• Power on/off mode selectable by the chip enable input
• Low supply voltage; low power consumption
• 1-cell battery-low detection circuit
• High integration level
• Interfaces directly to the PCA5000A, PCF5001 and
PCD5003 POCSAG decoders.
APPLICATIONS
• Wide area paging
• On-site paging
• Telemetry
• RF security systems
• Low bit-rate wireless data links.
GENERAL DESCRIPTION
The UAA2082 is a high-performance low-power radio
receiver circuit primarily intended for VHF, UHF and
900 MHz pager receivers for wide area digital paging
systems, employing direct FM non-return-to-zero (NRZ)
frequency shift keying (FSK).
The receiver design is based on the direct conversion
principle where the input signal is mixed directly down to
the baseband by a local oscillator on the signal frequency.
Two complete signal paths with signals of 90
° phase
difference are required to demodulate the signal.
All channel selectivity is provided by the built-in IF filters.
The circuit makes extensive use of on-chip capacitors to
minimize the number of external components.
The battery monitoring circuit has an external sense input
and a 1.1 V detection threshold for easy operation in a
single-cell supply concept.
The UAA2082 was designed to operate together with the
PCA5000A, PCF5001 or PCD5003 POCSAG decoders,
which contain a digital input filter for optimum call success
rate.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UAA2082H
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
UAA2082U
28 pads
naked die; see Fig.8


Similar Part No. - UAA2082H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2080 PHILIPS-UAA2080 Datasheet
509Kb / 44P
   Advanced pager receiver
1996 Jan 15
UAA2080H PHILIPS-UAA2080H Datasheet
509Kb / 44P
   Advanced pager receiver
1996 Jan 15
UAA2080T PHILIPS-UAA2080T Datasheet
509Kb / 44P
   Advanced pager receiver
1996 Jan 15
UAA2080U PHILIPS-UAA2080U Datasheet
509Kb / 44P
   Advanced pager receiver
1996 Jan 15
More results

Similar Description - UAA2082H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2080 PHILIPS-UAA2080 Datasheet
509Kb / 44P
   Advanced pager receiver
1996 Jan 15
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
logo
Samsung semiconductor
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
NXP Semiconductors
TEF701X_SDS PHILIPS-TEF701X_SDS_15 Datasheet
127Kb / 8P
   Scalable advanced background receiver
Rev. 1-30 July 2013
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500 Datasheet
111Kb / 1P
   ADVANCED MODULATION SATELLITE RECEIVER
BCM4500 BOARDCOM-BCM4500_03 Datasheet
133Kb / 2P
   ADVANCED MODULATION SATELLITE RECEIVER
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
   Pager Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com