Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA3202M Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UAA3202M
Description  Frequency Shift Keying FSK receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3202M Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UAA3202M Datasheet HTML 3Page - NXP Semiconductors UAA3202M Datasheet HTML 4Page - NXP Semiconductors UAA3202M Datasheet HTML 5Page - NXP Semiconductors UAA3202M Datasheet HTML 6Page - NXP Semiconductors UAA3202M Datasheet HTML 7Page - NXP Semiconductors UAA3202M Datasheet HTML 8Page - NXP Semiconductors UAA3202M Datasheet HTML 9Page - NXP Semiconductors UAA3202M Datasheet HTML 10Page - NXP Semiconductors UAA3202M Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 Aug 12
7
Philips Semiconductors
Preliminary specification
Frequency Shift Keying (FSK) receiver
UAA3202M
DC CHARACTERISTICS
VCC = 3.5 V; Tamb =25 °C; for application diagram see Fig.11; unless otherwise specified.
Notes
1. The given values are valid for the whole temperature range from Tamb = −40 to +85 °C.
2. Tune RF input frequency until IF = 1 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
supply voltage
3.5
6V
ICC
supply current for
note 1
operating mode on
VPWD =0V;
R2 = 560 Ω
2.0
3.4
4.7
mA
operating mode off
VPWD =VCC
330
µA
VPWD(on)
PWD voltage for operating mode ON
0
300
mV
VPWD(off)
PWD voltage for operating mode OFF
VCC − 0.3 −
VCC
V
IPWD(on)
PWD current for operating mode ON
VPWD =0V
−30
−10
−3
µA
IPWD(off)
PWD current for operating mode OFF
VPWD =VCC
13
µA
Oscillator
VOSC(DC)
DC operating point pin 4
3.28
3.34
3.40
V
Mixer
VMXIN(DC)
DC operating point pin 18
0.68
0.78
0.88
V
VMOP(DC)
DC operating point pin 2
2.78
2.98
3.18
V
VMON(DC)
DC operating point pin 1
2.78
2.98
3.18
V
Post mixer amplifier
VFA(DC)
DC operating point pin 20
2.14
2.27
2.40
V
Limiter
VLIN(DC)
DC operating point pin 17
3.45
3.49
3.50
V
VLFB(DC)
DC operating point pin 16
2.76
2.81
2.86
V
VRSSI(DC)
DC operating point pin 15
2.21
2.36
2.51
V
Demodulator
VDMOD(DC)
DC operating point pin 14
1.63
1.83
2.03
V
Data slicer
VCPC(DC)
DC operating point pin 13
note 2
1.43
1.93
2.43
V
VCPA(DC)
DC operating point pin 10
note 2
1.43
1.93
2.43
V
VCPB(DC)
DC operating point pin 9
note 2
1.43
1.93
2.43
V
VOH(DAT)
HIGH-level data output voltage
IDATA = −10 µAVCC − 0.5 −
VCC
V
VOL(DAT)
LOW-level data output voltage
IDATA = 200 µA0
0.6
V
RSSI comparator
VOH(RSSI)
HIGH-level comparator output voltage
IRSSI = −10 µAVCC − 0.5 −
VCC
V
VOL(RSSI)
LOW-level comparator output voltage
IRSSI = 200 µA0
0.6
V


Similar Part No. - UAA3202M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3201 PHILIPS-UAA3201 Datasheet
162Kb / 20P
   UHF/VHF remote control receiver
2000 Apr 18
UAA3201T PHILIPS-UAA3201T Datasheet
162Kb / 20P
   UHF/VHF remote control receiver
2000 Apr 18
More results

Similar Description - UAA3202M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3220TS PHILIPS-UAA3220TS Datasheet
227Kb / 32P
   Frequency Shift Keying FSK/Amplitude Shift Keying ASK receiver
1999 Jan 22
logo
Cypress Semiconductor
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com