Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV1G125GV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74CBTLV1G125GV
Description  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV1G125GV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74CBTLV1G125GV Datasheet HTML 4Page - NXP Semiconductors 74CBTLV1G125GV Datasheet HTML 5Page - NXP Semiconductors 74CBTLV1G125GV Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125GV Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125GV Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125GV Datasheet HTML 9Page - NXP Semiconductors 74CBTLV1G125GV Datasheet HTML 10Page - NXP Semiconductors 74CBTLV1G125GV Datasheet HTML 11Page - NXP Semiconductors 74CBTLV1G125GV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74CBTLV1G125
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2007
8 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
a. VCC = 3.3 V; ISW = 15 mA; VSW = 2.4 V
b. VCC = 3.3 V; ISW = 24 mA; VSW =0 V
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
c. VCC = 3.3 V; ISW = 64 mA; VSW =0 V
Fig 10. Switch ON-resistance as a function of input voltage at VCC = 3.3 V
001aad737
VSW (V)
04
3
12
7
5
9
11
RON
(
Ω)
3
(1)
(2)
(3)
(4)
001aad736
VSW (V)
04
3
12
7
5
9
11
RON
(
Ω)
3
(1)
(2)
(3)
(4)
001aad735
VSW (V)
04
3
12
6
4
8
10
RON
(
Ω)
2
(1)
(2)
(3)
(4)


Similar Part No. - 74CBTLV1G125GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV1G125GV NXP-74CBTLV1G125GV Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
More results

Similar Description - 74CBTLV1G125GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com