Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA3515A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UAA3515A
Description  900 MHz analog cordless telephone IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3515A Datasheet(HTML) 5 Page - NXP Semiconductors

  UAA3515A Datasheet HTML 1Page - NXP Semiconductors UAA3515A Datasheet HTML 2Page - NXP Semiconductors UAA3515A Datasheet HTML 3Page - NXP Semiconductors UAA3515A Datasheet HTML 4Page - NXP Semiconductors UAA3515A Datasheet HTML 5Page - NXP Semiconductors UAA3515A Datasheet HTML 6Page - NXP Semiconductors UAA3515A Datasheet HTML 7Page - NXP Semiconductors UAA3515A Datasheet HTML 8Page - NXP Semiconductors UAA3515A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
2001 Dec 12
5
Philips Semiconductors
Product specification
900 MHz analog cordless telephone IC
UAA3515A
6
PINNING
SYMBOL
PIN
DESCRIPTION
MIXGND
1
mixer ground
RFIX
2
LNA voltage (X) input
RFIY
3
LNA voltage (Y) input
LNAGND
4
LNA ground
RXLF
5
RX PLL filter output
RXPD
6
RX phase detector voltage output
RSSI
7
RSSI output
VREG
8
pin for internal voltage regulator
DGND
9
digital ground
VCC(CP)
10
internal voltage doubler supply voltage (or positive supply voltage input) for
charge pumps
CPGND
11
charge pump ground
VCC(PS)
12
prescaler positive supply voltage input
TXPD
13
TX phase detector voltage input
TXLF
14
TX PLL filter output
PAGND1
15
power amplifier ground 1
PAO
16
power amplifier output
PAGND2
17
power amplifier ground 2
MODI
18
summing amplifier input
MODO
19
summing amplifier output
VTXGND
20
transmitter VCO ground
VCC(VTX)
21
transmitter VCO positive supply voltage input
TXLOX
22
transmitter VCO voltage (X) to external inductor
TXLOY
23
transmitter VCO voltage (Y) to external inductor
VCC(ATX)
24
transmitter audio positive supply voltage input
CCAP
25
external capacitor for compressor
TXO
26
audio transmitter output
MICI
27
microphone amplifier input
MICO
28
microphone amplifier output
CMPI
29
compressor input
VB
30
reference voltage
ATXGND
31
transmitter audio ground
XTALI
32
crystal input
XTALO
33
crystal output
CDLBD
34
CD or LBD open collector output (out-of-lock synthesizer receiver and/or
transmitter in test mode)
CLKOUT
35
clock output (CMOS levels)
EN
36
enable input for serial interface
CLK
37
clock input for serial interface
DATA
38
data input for serial interface


Similar Part No. - UAA3515A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3500 PHILIPS-UAA3500 Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
UAA3522 PHILIPS-UAA3522 Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
UAA3535 PHILIPS-UAA3535 Datasheet
118Kb / 24P
   Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
More results

Similar Description - UAA3515A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Motorola, Inc
MC33411A MOTOROLA-MC33411A Datasheet
449Kb / 43P
   900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com