Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38033M7L-XXXWG Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M38033M7L-XXXWG
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38033M7L-XXXWG Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M38033M7L-XXXWG Datasheet HTML 7Page - Renesas Technology Corp M38033M7L-XXXWG Datasheet HTML 8Page - Renesas Technology Corp M38033M7L-XXXWG Datasheet HTML 9Page - Renesas Technology Corp M38033M7L-XXXWG Datasheet HTML 10Page - Renesas Technology Corp M38033M7L-XXXWG Datasheet HTML 11Page - Renesas Technology Corp M38033M7L-XXXWG Datasheet HTML 12Page - Renesas Technology Corp M38033M7L-XXXWG Datasheet HTML 13Page - Renesas Technology Corp M38033M7L-XXXWG Datasheet HTML 14Page - Renesas Technology Corp M38033M7L-XXXWG Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
Rev.1.00
Apr 2, 2007
Page 11 of 117
REJ03B0212-0100
3803 Group (Spec.L)
[Processor status register (PS)]
The processor status register is an 8-bit register consisting of 5
flags which indicate the status of the processor after an
arithmetic operation and 3 flags which decide MCU operation.
Branch operations can be performed by testing the Carry (C)
flag, Zero (Z) flag, Overflow (V) flag, or the Negative (N) flag.
In decimal mode, the Z, V, N flags are not valid.
Bit 0: Carry flag (C)
The C flag contains a carry or borrow generated by the
arithmetic logic unit (ALU) immediately after an arithmetic
operation. It can also be changed by a shift or rotate
instruction.
Bit 1: Zero flag (Z)
The Z flag is set if the result of an immediate arithmetic
operation or a data transfer is “0”, and cleared if the result is
anything other than “0”.
Bit 2: Interrupt disable flag (I)
The I flag disables all interrupts except for the interrupt
generated by the BRK instruction.
Interrupts are disabled when the I flag is “1”.
Bit 3: Decimal mode flag (D)
The D flag determines whether additions and subtractions are
executed in binary or decimal. Binary arithmetic is executed
when this flag is “0”; decimal arithmetic is executed when it
is “1”.
Decimal correction is automatic in decimal mode. Only the
ADC and SBC instructions can execute decimal arithmetic.
Bit 4: Break flag (B)
The B flag is used to indicate that the current interrupt was
generated by the BRK instruction. The BRK flag in the
processor status register is always “0”. When the BRK
instruction is used to generate an interrupt, the processor
status register is pushed onto the stack with the break flag set
to “1”.
Bit 5: Index X mode flag (T)
When the T flag is “0”, arithmetic operations are performed
between accumulator and memory. When the T flag is “1”,
direct arithmetic operations and direct data transfers are
enabled between memory locations.
Bit 6: Overflow flag (V)
The V flag is used during the addition or subtraction of one
byte of signed data. It is set if the result exceeds +127 to
128. When the BIT instruction is executed, bit 6 of the
memory location operated on by the BIT instruction is stored
in the overflow flag.
Bit 7: Negative flag (N)
The N flag is set if the result of an arithmetic operation or
data transfer is negative. When the BIT instruction is
executed, bit 7 of the memory location operated on by the
BIT instruction is stored in the negative flag.
Table 5
Set and clear instructions of each bit of processor status register
C flag
Z flag
I flag
D flag
B flag
T flag
V flag
N flag
Set instruction
SEC
SEI
SED
SET
−−
Clear instruction
CLC
CLI
CLD
CLT
CLV


Similar Part No. - M38033M7L-XXXWG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38033M7L-XXXWG RENESAS-M38033M7L-XXXWG Datasheet
2Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38033M7L-XXXWG

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com