Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1501T-222 Datasheet(PDF) 7 Page - ECM Electronics Limited.

Part # MF1501T-222
Description  Axial Molded Choke
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

MF1501T-222 Datasheet(HTML) 7 Page - ECM Electronics Limited.

  MF1501T-222 Datasheet HTML 1Page - ECM Electronics Limited. MF1501T-222 Datasheet HTML 2Page - ECM Electronics Limited. MF1501T-222 Datasheet HTML 3Page - ECM Electronics Limited. MF1501T-222 Datasheet HTML 4Page - ECM Electronics Limited. MF1501T-222 Datasheet HTML 5Page - ECM Electronics Limited. MF1501T-222 Datasheet HTML 6Page - ECM Electronics Limited. MF1501T-222 Datasheet HTML 7Page - ECM Electronics Limited. MF1501T-222 Datasheet HTML 8Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ECM Axial Molded Choke
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
MF1302 Series Continued…
MF1302T-221
220 @ 0.796 MHz
J,K
60
5.2
7.90
160
MF1302T-271
270 @ 0.796 MHz
J,K
65
5.6
8.20
110
MF1302T-331
330 @ 0.796 MHz
J,K
65
5.0
9.10
105
MF1302T-391
390 @ 0.796 MHz
J,K
65
4.5
10.0
100
MF1302T-471
470 @ 0.796 MHz
J,K
65
4.0
11.1
95
MF1302T-561
560 @ 0.796 MHz
J,K
65
3.6
12.3
91
MF1302T-681
680 @ 0.796 MHz
J,K
60
3.4
13.7
85
MF1302T-821
820 @ 0.796 MHz
J,K
60
3.1
15.1
81
MF1302T-102
1000 @ 0.796 MHz
J,K
60
2.8
16.5
78
MF1309 Series
MF1309T-1R0
1.0 @25.2 MHz
J,K
65
200
0.14
1900
MF1309T-1R2
1.2 @7.96 MHz
J,K
40
180
0.19
1640
MF1309T-1R5
1.5 @7.96 MHz
J,K
40
160
0.28
1340
MF1309T-1R8
1.8 @7.96 MHz
J,K
40
150
0.37
1160
MF1309T-2R2
2.2 @7.96 MHz
J,K
40
135
0.50
1000
MF1309T-2R7
2.7 @7.96 MHz
J,K
40
120
0.65
875
MF1309T-3R3
3.3 @7.96 MHz
J,K
40
105
1.00
710
MF1309T-3R9
3.9 @7.96 MHz
J,K
40
100
1.20
645
MF1309T-4R7
4.7 @7.96 MHz
J,K
40
90
1.80
530
MF1309T-5R6
5.6 @7.96 MHz
J,K
35
55
0.13
1960
MF1309T-6R8
6.8 @7.96 MHz
J,K
35
50
0.20
1580
MF1309T-8R2
8.2 @7.96 MHz
J,K
35
44
0.22
1510
MF1309T-100
10 @7.96 MHz
J,K
35
42
0.26
1380
MF1309T-120
12 @2.52 MHz
J,K
45
34
0.45
1060
MF1309T-150
15 @2.52 MHz
J,K
45
32
0.52
980
MF1309T-180
18 @2.52 MHz
J,K
50
28
0.70
840
MF1309T-220
22 @2.52 MHz
J,K
60
24
1.00
705
MF1309T-270
27 @2.52 MHz
J,K
60
22
1.30
620
MF1309T-330
33 @2.52 MHz
J,K
60
20
1.50
575
MF1309T-390
39 @2.52 MHz
J,K
70
16
2.00
500
MF1309T-470
47 @2.52 MHz
J,K
100
18
2.20
475
MF1309T-560
56 @2.52 MHz
J,K
100
16
2.30
465
MF1309T-680
68 @2.52 MHz
J,K
100
14
3.00
465
MF1309T-820
82 @2.52 MHz
J,K
100
12.5
3.50
375
MF1309T-101
100 @2.52 MHz
J,K
95
11
3.80
365
MF1309T-121
120 @ 0.796 MHz
J,K
90
10
4.20
345
MF1309T-151
150 @ 0.796 MHz
J,K
75
8.3
5.00
315
MF1309T-181
180 @ 0.796 MHz
J,K
80
6
5.30
305
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column


Similar Part No. - MF1501T-222

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MF150C06F2 MCC-MF150C06F2 Datasheet
565Kb / 4P
   Low Reverse Recovery Loss
More results

Similar Description - MF1501T-222

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIA0624SR10YN SUPERWORLD-PIA0624SR10YN Datasheet
323Kb / 8P
   Molded Choke Coil
PIA1004SR15YN SUPERWORLD-PIA1004SR15YN Datasheet
299Kb / 8P
   Molded Choke Coil
PIA1206SP8R2MN SUPERWORLD-PIA1206SP8R2MN Datasheet
203Kb / 6P
   Molded Choke Coil
PIA0402SPR10MN SUPERWORLD-PIA0402SPR10MN Datasheet
273Kb / 6P
   Molded Choke Coil
PIA0502SPR15YN SUPERWORLD-PIA0502SPR15YN Datasheet
272Kb / 6P
   Molded Choke Coil
PIA1005SR36MN SUPERWORLD-PIA1005SR36MN Datasheet
269Kb / 7P
   Molded Choke Coil
PIA0603SR15YN SUPERWORLD-PIA0603SR15YN Datasheet
336Kb / 8P
   Molded Choke Coil
PIA1707SP1R0MN SUPERWORLD-PIA1707SP1R0MN Datasheet
212Kb / 6P
   Molded Choke Coil
PIA1265SPR10YN SUPERWORLD-PIA1265SPR10YN Datasheet
274Kb / 7P
   Molded Choke Coil
PIA0503SR20MN SUPERWORLD-PIA0503SR20MN Datasheet
278Kb / 7P
   Molded Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com