Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ670 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SJ670
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ670 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SJ670 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ670
No.8354-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=--50V, VGS=--10V, ID=--1.5A
11
nC
Gate-to-Source Charge
Qgs
VDS=--50V, VGS=--10V, ID=--1.5A
2.6
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--50V, VGS=--10V, ID=--1.5A
2
nC
Diode Forward Voltage
VSD
IS=--1.5A, VGS=0V
--0.83
--1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007A-003
1 : Gate
2 : Drain
3 : Source
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID= --0.8A
RL=62.5Ω
VDD= --50V
VOUT
2SJ670
VIN
0V
--10V
VIN
ID -- VDS
ID -- VGS
0
0
--2.0
--2.5
--0.5
--3.0
--0.2
--0.4
--0.6
--1.5
--1.0
0
--1
--2
--6
--4
--5
--3
--2.0
--1.6
--0.8
--1.0
--1.4
--1.8
--1.2
IT06017
0
--1
--2
--3
--4
--5
--6
IT06018
VGS= --3.0V
--3.5V
--4.0V
--6.0V
VDS= --10V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V


Similar Part No. - 2SJ670

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ673 RENESAS-2SJ673 Datasheet
288Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676 Datasheet
148Kb / 3P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ676 TOSHIBA-2SJ676 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
2SJ676 TOSHIBA-2SJ676_09 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
More results

Similar Description - 2SJ670

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com