Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1302T-680 Datasheet(PDF) 6 Page - ECM Electronics Limited.

Part # MF1302T-680
Description  Axial Molded Choke
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

MF1302T-680 Datasheet(HTML) 6 Page - ECM Electronics Limited.

  MF1302T-680 Datasheet HTML 1Page - ECM Electronics Limited. MF1302T-680 Datasheet HTML 2Page - ECM Electronics Limited. MF1302T-680 Datasheet HTML 3Page - ECM Electronics Limited. MF1302T-680 Datasheet HTML 4Page - ECM Electronics Limited. MF1302T-680 Datasheet HTML 5Page - ECM Electronics Limited. MF1302T-680 Datasheet HTML 6Page - ECM Electronics Limited. MF1302T-680 Datasheet HTML 7Page - ECM Electronics Limited. MF1302T-680 Datasheet HTML 8Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ECM Axial Molded Choke
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
MF1302 Series
MF1302T-R15
0.15 @25.2 MHz
J,K
50
510
0.030
3050
MF1302T-R18
0.18 @25.2 MHz
J,K
50
475
0.032
2980
MF1302T-R22
0.22 @25.2 MHz
J,K
50
415
0.035
2800
MF1302T-R27
0.27 @25.2 MHz
J,K
50
380
0.050
2400
MF1302T-R33
0.33 @25.2 MHz
J,K
50
350
0.065
2000
MF1302T-R39
0.39 @25.2 MHz
J,K
50
320
0.080
1850
MF1302T-R47
0.47 @25.2 MHz
J,K
50
300
0.085
1700
MF1302T-R56
0.56 @25.2 MHz
J,K
50
270
0.125
1450
MF1302T-R68
0.68 @25.2 MHz
J,K
45
250
0.015
1300
MF1302T-R82
0.82 @25.2 MHz
J,K
40
210
0.205
1100
MF1302T-1R0
1.0 @25.2 MHz
J,K
40
200
0.290
930
MF1302T-1R2
1.2 @7.96 MHz
J,K
30
180
0.400
785
MF1302T-1R5
1.5 @7.96 MHz
J,K
30
170
0.485
700
MF1302T-1R8
1.8 @7.96 MHz
J,K
30
150
0.740
550
MF1302T-2R2
2.2 @7.96 MHz
J,K
30
140
0.970
505
MF1302T-2R7
2.7 @7.96 MHz
J,K
30
120
1.200
460
MF1302T-3R3
3.3 @7.96 MHz
J,K
30
70
0.140
990
MF1302T-3R9
3.9 @7.96 MHz
J,K
30
65
0.155
870
MF1302T-4R7
4.7 @7.96 MHz
J,K
30
60
0.210
745
MF1302T-5R6
5.6 @7.96 MHz
J,K
30
50
0.280
645
MF1302T-6R8
6.8 @7.96 MHz
J,K
30
50
0.375
560
MF1302T-8R2
8.2 @7.96 MHz
J,K
30
48
0.440
540
MF1302T-100
10 @7.96 MHz
J,K
30
42
0.605
440
MF1302T-120
12 @2.52 MHz
J,K
50
36
1.05
370
MF1302T-150
15 @2.52 MHz
J,K
55
30
1.20
310
MF1302T-180
18 @2.52 MHz
J,K
60
30
1.95
255
MF1302T-220
22 @2.52 MHz
J,K
60
24
2.20
240
MF1302T-270
27 @2.52 MHz
J,K
65
22
2.75
205
MF1302T-330
33 @2.52 MHz
J,K
55
18
2.30
300
MF1302T-390
39 @2.52 MHz
J,K
55
16
2.50
285
MF1302T-470
47 @2.52 MHz
J,K
55
14
3.40
245
MF1302T-560
56 @2.52 MHz
J,K
45
14
4.10
225
MF1302T-680
68 @2.52 MHz
J,K
45
11
4.20
220
MF1302T-820
82 @2.52 MHz
J,K
45
9.3
4.40
215
MF1302T-101
100 @2.52 MHz
J,K
45
8.5
4.90
205
MF1302T-121
120 @ 0.796 MHz
J,K
60
7.3
5.40
195
MF1302T-151
150 @ 0.796 MHz
J,K
60
6.2
6.20
180
MF1302T-181
180 @ 0.796 MHz
J,K
60
5.7
7.10
170
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column


Similar Part No. - MF1302T-680

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
   Compact, General purpose MFC
logo
Welwyn Components Limit...
MF1/2S WELWYN-MF1/2S Datasheet
67Kb / 2P
   Power Metal Film Resistors
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Texas Instruments
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
More results

Similar Description - MF1302T-680

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIA0624SR10YN SUPERWORLD-PIA0624SR10YN Datasheet
323Kb / 8P
   Molded Choke Coil
PIA1004SR15YN SUPERWORLD-PIA1004SR15YN Datasheet
299Kb / 8P
   Molded Choke Coil
PIA1206SP8R2MN SUPERWORLD-PIA1206SP8R2MN Datasheet
203Kb / 6P
   Molded Choke Coil
PIA0402SPR10MN SUPERWORLD-PIA0402SPR10MN Datasheet
273Kb / 6P
   Molded Choke Coil
PIA0502SPR15YN SUPERWORLD-PIA0502SPR15YN Datasheet
272Kb / 6P
   Molded Choke Coil
PIA1005SR36MN SUPERWORLD-PIA1005SR36MN Datasheet
269Kb / 7P
   Molded Choke Coil
PIA0603SR15YN SUPERWORLD-PIA0603SR15YN Datasheet
336Kb / 8P
   Molded Choke Coil
PIA1707SP1R0MN SUPERWORLD-PIA1707SP1R0MN Datasheet
212Kb / 6P
   Molded Choke Coil
PIA1265SPR10YN SUPERWORLD-PIA1265SPR10YN Datasheet
274Kb / 7P
   Molded Choke Coil
PIA0503SR20MN SUPERWORLD-PIA0503SR20MN Datasheet
278Kb / 7P
   Molded Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com