Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCB1100 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UCB1100
Description  Advanced modem/audio analog front-end
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UCB1100 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UCB1100 Datasheet HTML 5Page - NXP Semiconductors UCB1100 Datasheet HTML 6Page - NXP Semiconductors UCB1100 Datasheet HTML 7Page - NXP Semiconductors UCB1100 Datasheet HTML 8Page - NXP Semiconductors UCB1100 Datasheet HTML 9Page - NXP Semiconductors UCB1100 Datasheet HTML 10Page - NXP Semiconductors UCB1100 Datasheet HTML 11Page - NXP Semiconductors UCB1100 Datasheet HTML 12Page - NXP Semiconductors UCB1100 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Philips Semiconductors
Preliminary specification
UCB1100
Advanced modem/audio analog front-end
1998 May 08
9
micp
micgnd
vssa1
vdda1
micp
micgnd
vssa1
vdda1
UCB1100
UCB1100
‘Passive’ Microphone
‘Active’ Microphone
SN00129
Figure 4.
Possible Microphone Connections
The UCB1100 audio codec input path accepts microphone signals
directly, only a DC blocking capacitor is needed, since the micp input
is biased around 1.4V. The ‘ground’ side of the microphone is either
connected to the analogue ground (vssa1) or to the micgnd pin of
the UCB1100. The latter will decrease the current consumption of
active microphones, since the micgnd pin is made Hi-Z when the
audio codec input path is disabled.
The full scale input voltage of the audio input path is programmable
in 1.5dB steps by setting the appropriate data in the
audio-input-gain
bits in the audio control register A.
A clip detection circuit will inform the user whenever the input
voltage exceeds the maximum input voltage. In that case the
clip
detect status bit in audio control register B is set. An interrupt is
generated on the irqout pin of the UCB1100 whenever the
enable
audio clip detect rising interrupt or the enable audio detect falling
edge interrupt bit is set in the rising edge interrupt enable or falling
edge interrupt control register B is set.
0dB
24dB
48dB
0dB
21dB
24dB
48dB
69dB
programmed attenuation
SN00130
Figure 5.
Analogue and Digital Attenuation Settings
Audio Output Path
The output level can be attenuated in 3dB steps down to -69dB. The
8 highest attenuation steps are implemented in the analogue
circuitry, while the two 24dB steps are implemented in the digital
domain. This preserves the ‘audio quality’ of the output signal at
lowest attenuation settings. The speaker driver is muted when the
audio-mute bit in the audio control register B is set. The speaker
driver will remain activated in that case, however no signal is
produced by the speaker driver circuitry.
UCB1100
UCB1100
UCB1100
spkrp
spkrn
spkrp
spkrp
spkrn
spkrn
Bridge Tied
Speaker
Load
Single Ended Speaker Connections
SN00131
Figure 6.
Possible Speaker Connections
The speaker driver is designed to directly drive a bridge tied load
(BTL). This yields the highest output power and it does not require
external DC blocking capacitors. The speaker driver also accepts
single ended connection of a speaker, in which case the maximum
output power is reduced to a quarter of the BTL situation.
Consequently this way of connecting the speaker to the speaker
driver reduces the power consumption of the speaker driver in the
UCB1100 by a factor of 2. Figure 6 shows possible ways to connect
a speaker to the UCB1100.
The audio input and output path are activated independently; the
input path is enabled when the
audio-input-enable bit is set, the
output path is enabled when the
audio-output-enable bit is set in the
audio control register B. This provides the user the means to reduce
the current consumption of the UCB1100 if one part of the audio
codec is not used in the application.
The audio codec has a loopback mode for system test purposes,
which is activated when the
audio_loopback enable bit in the audio
control register B is set. This is an analogue loopback which
internally connects the output of the audio output path to the input of
the audio input path, (see Figure 3). In this mode the normal
microphone input is ignored, but the speaker driver can be operated
normally.


Similar Part No. - UCB1100

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB10 ALLIED-UCB10 Datasheet
441Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC_10 Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-150T-RC ALLIED-UCB10-150T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB1100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
   Analog Audio Front-End
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
   Analog Audio Front End
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
   ANALOG AUDIO FRONT-END
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com