Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCB1500 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UCB1500
Description  PCI to AC97 bridge/host controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UCB1500 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UCB1500 Datasheet HTML 4Page - NXP Semiconductors UCB1500 Datasheet HTML 5Page - NXP Semiconductors UCB1500 Datasheet HTML 6Page - NXP Semiconductors UCB1500 Datasheet HTML 7Page - NXP Semiconductors UCB1500 Datasheet HTML 8Page - NXP Semiconductors UCB1500 Datasheet HTML 9Page - NXP Semiconductors UCB1500 Datasheet HTML 10Page - NXP Semiconductors UCB1500 Datasheet HTML 11Page - NXP Semiconductors UCB1500 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Philips Semiconductors
UCB1500
PCI to AC97 bridge/host controller
Objective specification
Rev. 01 — 4 February 2000
8 of 58
9397 750 06854
© Philips Electronics N.V. 2000. All rights reserved.
[07-06]: Status Register
[08]: Revision ID (read only): Current revision of chip = 1.
[0B-09]: Class Code Register (read only): Value = 070300h for simple
communication controller, generic modem. Programmable through EEPROM
interface or register 47-45h.
[0C]: Cache Line Size (read only): Always 0; no cache supported.
[0D]: Latency Timer
[0E]: Header Type (read only): If multifunction device, value is 80h otherwise 00h.
Table 6:
Status Register bit description
Bit
Description
15
PERR detected
Set to ‘1’ whenever parity error is detected. Write ‘1’ to clear.
14
SERR asserted
Set to ‘1’ if UCB1500 asserted SERR. Write ‘1' to clear.
13
Received master abort
If set, UCB1500 has received master abort during its slave operation. Write ‘1’ to
clear.
12
Received target abort
If set, UCB1500 has received target abort during its master operation. Write `1'
to clear
11(r)
Target abort
Always ‘0’; UCB1500 never signals target abort.
10-9(r)
Timing
Always 01b; wait state during slave access to UCB1500.
8
PERR reported
Not implemented, always 0.
7(r)
Fast back-to-back capable
Always ‘1’; NO wait state between PCI cycles.
6(r)
User Definable features
Always ‘0’; device does not support user definable features.
5(r)
66 MHz capable bit
Always ‘0’; device is 33 MHz device only.
4(r)
Capabilities bit (read only)
Always ‘1’; capabilities present.
3-0
Reserved.
Table 7:
Latency Timer register bit description
Bit
Description
7-4
Latency Timer
Bits 7-4 of the latency timer, in units of PCI clocks * 16.
3-0(r)
Latency Timer
These bits are read only and are always 0000b, giving timer granularity of 16 PCI
clocks.


Similar Part No. - UCB1500

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB15 ALLIED-UCB15 Datasheet
394Kb / 1P
   nUltra Current Beads
UCB15-101T-RC ALLIED-UCB15-101T-RC Datasheet
387Kb / 1P
   Ultra Current Beads
UCB15-101T-RC ALLIED-UCB15-101T-RC Datasheet
393Kb / 1P
   Ultra Current Beads
UCB15-101T-RC ALLIED-UCB15-101T-RC Datasheet
394Kb / 1P
   nUltra Current Beads
UCB15-121T-RC ALLIED-UCB15-121T-RC Datasheet
387Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
logo
List of Unclassifed Man...
PL-2501 ETC-PL-2501 Datasheet
40Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
   SuperSpeed USB 3.0 Host-to-Host Bridge Controller
logo
List of Unclassifed Man...
PL2701 ETC2-PL2701 Datasheet
208Kb / 1P
   Super-Speed USB Host to Host Bridge Controller
logo
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
logo
Pericom Semiconductor C...
PI7C9X440SLBFDE PERICOM-PI7C9X440SLBFDE Datasheet
68Kb / 1P
   PCI Express짰 (PCIe짰) to USB짰 2.0 Host Controller
logo
Agere Systems
USS-344 AGERE-USS-344 Datasheet
850Kb / 54P
   USS-344 QuadraBus Four-Host PCI-to-USB OpenHCL Host Controller
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
logo
VIA Technologies, Inc.
VT6307 VIA-VT6307 Datasheet
449Kb / 54P
   PCI 1394a-2000 Integrated Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com