Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD5070 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSD5070
Description  NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD5070 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSD5070 Datasheet HTML 1Page - Fairchild Semiconductor KSD5070 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN TRIPLE DIFFUSED
KSD5070
PLANAR SILICON TRANSISTOR
COLOR TV HORIZONTAL OUTPUT
APPLICATION (DAMPER DIODE BUILT IN)
• High Collector-Base Voltage (V
CBO=1500V)
• High Switching Speed (t
F. max=0.4uS)
ABSOLUTE MIXIMUM RATING
ELECTRICAL CHARACTERISTICS (T
C=25
°C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current (DC)
Collector Current (Pulse)
Collector Dissipation (TC=25
°C)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
IC
PC
TJ
TSTG
1500
800
6
2.5
10
50
150
-55 ~ 150
V
V
V
A
A
W
°C
°C
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
Current Gain Bandwidth Product
Damper Diode Turn On Voltage
Fall Time
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
fT
VF
tF
VCB = 800V, IE = 0
VEB = 4V, IC = 0
VCE = 5V, IC = 0.5A
IC = 2A, IB = 0.6A
IC = 2A, IB = 0.6A
VCE = 10V, IC = 0.5A
IF = 2.5A
IC = 2A, IB1 = 0.6A
IB2 = - 1.2A, VCC = 200V
RL = 100
40
8
3
10
200
8
1.5
2
0.4
µA
mA
V
V
MHz
V
µs
1.Base 2.Collector 3.Emitter
TO-3PF
©1999 Fairchild Semiconductor Corporation
Rev B.


Similar Part No. - KSD5070

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KSD5070 ISC-KSD5070 Datasheet
104Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
KSD5070 NJSEMI-KSD5070 Datasheet
69Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - KSD5070

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com