Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1341TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UDA1341TS
Description  Economy audio CODEC for MiniDisc MD home stereo and portable applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1341TS Datasheet(HTML) 4 Page - NXP Semiconductors

  UDA1341TS Datasheet HTML 1Page - NXP Semiconductors UDA1341TS Datasheet HTML 2Page - NXP Semiconductors UDA1341TS Datasheet HTML 3Page - NXP Semiconductors UDA1341TS Datasheet HTML 4Page - NXP Semiconductors UDA1341TS Datasheet HTML 5Page - NXP Semiconductors UDA1341TS Datasheet HTML 6Page - NXP Semiconductors UDA1341TS Datasheet HTML 7Page - NXP Semiconductors UDA1341TS Datasheet HTML 8Page - NXP Semiconductors UDA1341TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
1998 Dec 18
4
Philips Semiconductors
Preliminary specification
Economy audio CODEC for MiniDisc (MD)
home stereo and portable applications
UDA1341TS
4
QUICK REFERENCE DATA
Notes
1. The ADC inputs can be used in a 2 V (RMS value) input signal configuration when a resistor of 12 k
Ω is used in series
with the inputs and 1 or 2 V (RMS value) input signal operation can be selected via the Input Gain Switch (IGS).
2. The ADC input signal scales inversely proportional with the power supply voltage.
3. The DAC output voltage scales linear with the DAC analog supply voltage.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA(ADC)
ADC analog supply voltage
2.4
3.0
3.6
V
VDDA(DAC)
DAC analog supply voltage
2.4
3.0
3.6
V
VDDD
digital supply voltage
2.4
3.0
3.6
V
IDDA(ADC)
ADC analog supply current
operation mode
12.5
mA
ADC power-down
6.0
mA
IDDA(DAC)
DAC analog supply current
operation mode
7.0
mA
DAC power-down
50
−µA
IDDD
digital supply current
operation mode
7.0
mA
Tamb
operating ambient temperature
−20
+85
°C
Analog-to-digital converter
Vi(rms)
input voltage (RMS value)
notes 1 and 2
1.0
V
(THD + N)/S total harmonic distortion-plus-noise
to signal ratio
stand-alone mode
0dB
−−85
−80
dB
−60 dB; A-weighted
−−37
−33
dB
double differential mode
0dB
−−90
−85
dB
−60 dB; A-weighted
−−40
−36
dB
S/N
signal-to-noise ratio
Vi = 0 V; A-weighted
stand-alone mode
97
dB
double differential mode
100
dB
α
cs
channel separation
100
dB
Programmable gain amplifier
(THD + N)/S total harmonic distortion-plus-noise
to signal ratio
1 kHz; fs = 44.1 kHz
0dB
−−85
dB
−60 dB; A-weighted
−−37
dB
S/N
signal-to-noise ratio
Vi = 0 V; A-weighted
95
dB
Digital-to-analog converter
Vo(rms)
output voltage (RMS value)
supply voltage = 3 V; note 3
900
mV
(THD+N)/S
total harmonic distortion-plus-noise
to signal ratio
0dB
−−91
−86
dB
−60 dB; A-weighted
−−40
dB
S/N
signal-to-noise ratio
code = 0; A-weighted
100
dB
α
cs
channel separation
100
dB


Similar Part No. - UDA1341TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1340M PHILIPS-UDA1340M Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1342 PHILIPS-UDA1342 Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
UDA1343 PHILIPS-UDA1343 Datasheet
148Kb / 36P
   Economy audio CODEC with features
2000 Jan 12
More results

Similar Description - UDA1341TS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
   STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
   Stereo CODEC for Portable Audio Applications
WM8988 WOLFSON-WM8988 Datasheet
584Kb / 56P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com