Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4352-CZZR Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4352-CZZR
Description  192 kHz Stereo DAC with 2 Vrms Line Out
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352-CZZR Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4352-CZZR Datasheet HTML 5Page - Cirrus Logic CS4352-CZZR Datasheet HTML 6Page - Cirrus Logic CS4352-CZZR Datasheet HTML 7Page - Cirrus Logic CS4352-CZZR Datasheet HTML 8Page - Cirrus Logic CS4352-CZZR Datasheet HTML 9Page - Cirrus Logic CS4352-CZZR Datasheet HTML 10Page - Cirrus Logic CS4352-CZZR Datasheet HTML 11Page - Cirrus Logic CS4352-CZZR Datasheet HTML 12Page - Cirrus Logic CS4352-CZZR Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS684F2
9
CS4352
DIGITAL CHARACTERISTICS
POWER AND THERMAL CHARACTERISTICS
Notes:
6.
Current consumption increases with increasing FS and increasing MCLK. Typ and Max values are
based on highest FS and highest MCLK. Variance between speed modes is small.
7.
Power down mode is defined as RST pin = Low with all clock and data lines held static low. All digital
inputs have a weak pull-down which is only present during reset. Opposing this pull-down will slightly
increase the power-down current (pull-down is equivalent to a 50 k
Ω resistor per pin).
8.
Valid with the recommended capacitor values on VQ and VBIAS as shown in the typical connection dia-
gram in Section 3.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VL = 3.3 V
VL = 2.5 V
VL = 1.5 V
VIH
VIH
VIH
2.0
1.7
1.05
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage
VL = 3.3 V
VL = 2.5 V
VL = 1.5 V
VIL
VIL
VIL
-
-
-
-
-
-
0.8
0.7
0.38
V
V
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Current
-
2
-
mA
MUTEC High-Level Output Voltage
VOH
-VA_H-
V
MUTEC Low-Level Output Voltage
VOL
-0-
V
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, VA_H = 12 V
(Note 6)
VA_H = 9 V
VA= 3.3 V
VD= 3.3 V
Interface current VL= 3.3 V
power-down state, all supplies (Note 7)
IA_H
IA_H
IA
ID
IL
Ipd
-
-
-
-
-
-
12
10
3
12
0.02
380
21
16
4
16
0.09
-
mA
mA
mA
mA
mA
µA
Power Dissipation (all supplies)
(Note 6)
VA_H = 12 V
normal operation
power-down (Note 7)
VA_H = 9 V
normal operation
power-down (Note 7)
-
-
-
-
121
1
91
1
158
-
122
-
mW
mW
mW
mW
Power Supply Rejection Ratio (Note 8)
(1 kHz)
(60 Hz)
PSRR
-
-
60
60
-
-
dB
dB


Similar Part No. - CS4352-CZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

Similar Description - CS4352-CZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com