Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4360-KZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4360-KZ
Description  24-Bit, 192 kHz 6 Channel D/A Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4360-KZ Datasheet HTML 7Page - Cirrus Logic CS4360-KZ Datasheet HTML 8Page - Cirrus Logic CS4360-KZ Datasheet HTML 9Page - Cirrus Logic CS4360-KZ Datasheet HTML 10Page - Cirrus Logic CS4360-KZ Datasheet HTML 11Page - Cirrus Logic CS4360-KZ Datasheet HTML 12Page - Cirrus Logic CS4360-KZ Datasheet HTML 13Page - Cirrus Logic CS4360-KZ Datasheet HTML 14Page - Cirrus Logic CS4360-KZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CS4360
DS517F2
11
ANALOG CHARACTERISTICS (CS4360-DZZ)
Test conditions (unless otherwise specified): Input test signal is a 997 Hz sine wave at 0 dBFS; measurement
bandwidth is 10 Hz to 20 kHz; test load RL = 10 kΩ, CL = 10 pF (see Figure 2). All supplies = VA = 5.0 V and 3.3 V.
Parameter
VA = 5.0 V
VA = 3.3 V
Min
Typ
Max
Min
Typ
Max
Unit
Single-speed Mode
Fs = 48 kHz
Dynamic Range
(Note 3)
unweighted
A-Weighted
A-Weighted
89
92
-
99
102
100
-
-
-
89
92
-
94
97
97
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
0 dB
-20 dB
-60 dB
-
-
-
-91
-79
-39
-84
-
-
-
-
-
-91
-74
-34
-84
-
-
dB
dB
dB
Double-speed Mode
Fs = 96 kHz
Dynamic Range
(Note 3)
unweighted
A-Weighted
40 kHz Bandwidth
A-Weighted
89
92
-
99
102
100
-
-
-
89
92
-
94
97
97
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
0 dB
-20 dB
-60 dB
-
-
-
-91
-79
-39
-84
-
-
-
-
-
-91
-74
-34
-84
-
-
dB
dB
dB
Quad-speed Mode
Fs = 192 kHz
Dynamic Range
(Note 3)
unweighted
A-Weighted
40 kHz Bandwidth
A-Weighted
89
92
-
99
102
100
-
-
-
89
92
-
94
97
97
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
0 dB
-20 dB
-60 dB
-
-
-
-91
-79
-39
-84
-
-
-
-
-
-91
-74
-34
-84
-
-
dB
dB
dB


Similar Part No. - CS4360-KZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4360-KZ CIRRUS-CS4360-KZ Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
More results

Similar Description - CS4360-KZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com