Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS889872AKLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS889872AKLF
Description  DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS889872AKLF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS889872AKLF Datasheet HTML 1Page - Integrated Device Technology ICS889872AKLF Datasheet HTML 2Page - Integrated Device Technology ICS889872AKLF Datasheet HTML 3Page - Integrated Device Technology ICS889872AKLF Datasheet HTML 4Page - Integrated Device Technology ICS889872AKLF Datasheet HTML 5Page - Integrated Device Technology ICS889872AKLF Datasheet HTML 6Page - Integrated Device Technology ICS889872AKLF Datasheet HTML 7Page - Integrated Device Technology ICS889872AKLF Datasheet HTML 8Page - Integrated Device Technology ICS889872AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ICS889872
DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
PRELIMINARY
IDT™ / ICS™ LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
2
ICS889872AK REV. A AUGUST 22, 2007
Table 1. Pin Descriptions
NOTE: Pullup refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
QB0, nQB0
Output
Differential output pair. Divide by 2, 4, 8, 16. Unused outputs must be
terminated with 100W across the pin (QB0/nQB0).
LVDS interface levels.
3, 4
QB1, nQB1
Output
Differential output pair. Divide by 2, 4, 8, 16. Unused outputs must be
terminated with 100W across the pin (QB1nQB1).
LVDS interface levels.
5, 6
QA, nQA
Output
Differential undivided output pair. LVDS interface levels.
7, 14
VDD
Power
Power supply pins.
8
nRESET/
nDISABLE
Input
Pullup
Output reset and enable/disable pin. When LOW, resets the divider select,
and align Bank A and Bank B edges. In addition, when LOW, Bank A and
Bank B will be disabled. Input threshold is VDD/2V.
Includes a 37k
pullup resistor. LVTTL / LVCMOS interface levels.
9
nIN
Input
Inverting differential LVPECL clock input. RT = 50
termination to V
T.
10
VREF_AC
Output
Reference voltage for AC-coupled applications. Equal to VDD – 1.4V
(approx.). Maximum sink/source current is 0.5mA.
11
VT
Input
Termination input. Leave pin floating.
12
IN
Input
Non-inverting LVPECL differential clock input.
RT = 50
termination to V
T.
13
GND
Power
Power supply ground.
15, 16
S1, S0
Input
Pullup
Select pins. Logic HIGH if left unconnected (÷16 mode). S0 = LSB.
Input threshold is VDD/2. 37kW pullup resistor.
LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RPULLUP
Input Pullup Resistor
37
k


Similar Part No. - ICS889872AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS889874 ICST-ICS889874 Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
ICS889874AK ICST-ICS889874AK Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
ICS889874AKT ICST-ICS889874AKT Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
More results

Similar Description - ICS889872AKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
IDT8S89873I RENESAS-IDT8S89873I Datasheet
569Kb / 16P
   Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
IDT8S89872I RENESAS-IDT8S89872I Datasheet
578Kb / 17P
   Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
logo
Integrated Device Techn...
8S89833 IDT-8S89833 Datasheet
322Kb / 17P
   Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
logo
Renesas Technology Corp
8S89833 RENESAS-8S89833 Datasheet
666Kb / 16P
   Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
September 22, 2017
logo
Integrated Device Techn...
8S89875I IDT-8S89875I Datasheet
354Kb / 16P
   Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Micrel Semiconductor
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
logo
Integrated Device Techn...
8S89876I IDT-8S89876I Datasheet
335Kb / 15P
   Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Renesas Technology Corp
ICS854S1208I RENESAS-ICS854S1208I Datasheet
1Mb / 20P
   Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com