Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5376A-IQ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5376A-IQ
Description  Low-power, Multi-channel Decimation Filter
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A-IQ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5376A-IQ Datasheet HTML 6Page - Cirrus Logic CS5376A-IQ Datasheet HTML 7Page - Cirrus Logic CS5376A-IQ Datasheet HTML 8Page - Cirrus Logic CS5376A-IQ Datasheet HTML 9Page - Cirrus Logic CS5376A-IQ Datasheet HTML 10Page - Cirrus Logic CS5376A-IQ Datasheet HTML 11Page - Cirrus Logic CS5376A-IQ Datasheet HTML 12Page - Cirrus Logic CS5376A-IQ Datasheet HTML 13Page - Cirrus Logic CS5376A-IQ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
CS5376A
DS612F3
10
Microcontroller Boot Configuration Commands
EEPROM Boot Configuration Commands
[DATA] indicates data word returned from digital filter.
(DATA) indicates multiple words of this type are to be written.
Name
CMD
24-bit
DAT1
24-bit
DAT2
24-bit
Description
NOP
000000
-
-
No Operation
WRITE DF REGISTER
000001
REG
DATA
Write Digital Filter Register
READ DF REGISTER
000002
REG
[DATA]
-
-
Read Digital Filter Register
WRITE FIR COEFFICIENTS
000003
NUM FIR1
(FIR COEF)
NUM FIR2
(FIR COEF)
Write Custom FIR Coefficients
WRITE IIR COEFFICIENTS
000004
a11
b11
a22
b21
b10
a21
b20
b22
Write Custom IIR Coefficients
WRITE ROM COEFFICIENTS
000005
COEF SEL
-
Use On-Chip Coefficients
WRITE TBS DATA
000006
NUM TBS
(TBS DATA)
-
(TBS DATA)
Write Custom Test Bit Stream Data
WRITE ROM TBS
000007
-
-
Use On-Chip TBS Data
FILTER START
000008
-
-
Start Digital Filter Operation
FILTER STOP
000009
-
-
Stop Digital Filter Operation
Name
CMD
8-bit
DATA
24-bit
Description
NOP
00
-
No Operation
WRITE DF REGISTER
01
REG
DATA
Write Digital Filter Register
WRITE FIR COEFFICIENTS
02
NUM FIR1
NUM FIR2
(FIR COEF)
Write Custom FIR Coefficients
WRITE IIR COEFFICIENTS
03
a11
b10
b11
a21
a22
b20
b21
b22
Write Custom IIR Coefficients
WRITE ROM COEFFICIENTS
04
COEF SEL
Use On-Chip Coefficients
WRITE TBS DATA
05
NUM TBS
(TBS DATA)
Write Custom Test Bit Stream Data
WRITE ROM TBS
06
-
Use On-Chip TBS Data
FILTER START
07
-
Start Digital Filter Operation
Table 1. Microcontroller and EEPROM Configuration Commands


Similar Part No. - CS5376A-IQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5376A-IQ CIRRUS-CS5376A-IQ Datasheet
1Mb / 107P
   LOW POWER MULTI CHANNEL DECIMATION FILTER
CS5376A-IQ CIRRUS-CS5376A-IQ Datasheet
1Mb / 106P
   Low-power, Multi-channel Decimation Filter
CS5376A-IQZ CIRRUS-CS5376A-IQZ Datasheet
1Mb / 106P
   Low-power, Multi-channel Decimation Filter
More results

Similar Description - CS5376A-IQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5376A CIRRUS-CS5376A_08 Datasheet
1Mb / 106P
   Low-power, Multi-channel Decimation Filter
CS5376A CIRRUS-CS5376A Datasheet
1Mb / 107P
   LOW POWER MULTI CHANNEL DECIMATION FILTER
CS5378 CIRRUS-CS5378 Datasheet
1Mb / 86P
   Low-power Single-channel Decimation Filter
CS5378 CIRRUS-CS5378_08 Datasheet
1Mb / 88P
   Low-power Single-channel Decimation Filter
logo
Burr-Brown (TI)
DF1750 BURR-BROWN-DF1750 Datasheet
222Kb / 13P
   Dual Channel DIGITAL DECIMATION FILTER
logo
Unisonic Technologies
UT3222 UTC-UT3222_15 Datasheet
220Kb / 7P
   LOW POWER MULTI CHANNEL
logo
NXP Semiconductors
UDA1328T PHILIPS-UDA1328T Datasheet
128Kb / 28P
   Multi-channel filter DAC
2000 Jan 04
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
logo
Cirrus Logic
CRD5381 CIRRUS-CRD5381 Datasheet
978Kb / 24P
   Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com