Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2975 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2975
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2975 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2975 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2975 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2975 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2975 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2975 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2975 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2975 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-2975 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCMS-2975 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
successive rising CLK edge will
shift in the data on the DIN pin.
Finally, when 8 bits have been
loaded, the CE line is brought to
logic high. When CLK goes to
logic low, new data is copied
into the selected control word.
Loading data into the Control
Register takes place while the
previous control word
configures the display.
Control Word 0
Loading the Control Register
with D7 = Logic low selects
Control Word 0 (see Table 2).
Bits D0-D3 adjust the display
brightness by pulse width
modulating the LED on-time,
while Bits D4-D5 adjust the
display brightness by changing
the peak pixel current. Bit D6
selects normal operation or
sleep mode.
Control Register
The Control Register allows
software modification of the IC’s
operation and consists of two
independent 7-bit control words.
Bit D7 in the shift register
selects one of the two 7-bit
control words. Control Word 0
performs pulse width modula-
tion brightness control, peak
pixel current brightness control,
and sleep mode. Control Word 1
sets serial/simultaneous data
out mode, and external oscilla-
tor prescaler. Each function is
independent of the others.
Control Register Data Loading
Data is loaded into the Control
Register, MSB first, according to
the procedure shown in Table 1
and the Write Cycle Timing
Diagram. First, RS is brought to
logic high and then CE is
brought to logic low. Next, each
tions, but only 7 of the 8 rows
have LEDs (see Figures 1 & 2).
The bottom row (row 0) is not
used. Thus, latch location 0 is
never displayed. Column 0
controls the left-most column.
Data from Dot Latch locations
0-7 determine whether or not
pixels in Column 0 are
turned-on or turned-off.
Therefore, the lower left pixel is
turned-on when a logic high is
stored in Dot Latch location 1.
Characters are loaded in
serially, with the left-most
character being loaded first and
the right-most character being
loaded last. By loading one
character at a time and latching
the data before loading the next
character, the figures will
appear to scroll from right to
left.
HCMS-29xx Write Cycle Diagram
NOTE:
1. DATA IS COPIED TO THE CONTROL REGISTER OR THE DOT LATCH AND LED OUTPUTS WHEN CE IS HIGH AND CLK IS LOW.
TRSS
RSH
T
TCLKCE
CES
T
CLKH
T
CLKL
T
CEH
T
DS
T
DH
T
CEDO
T
DOUT
T
DOUTP
T
PREVIOUS DATA
NEW DATA
NEW DATA LATCHED HERE
[1]
CE
RS
CLK
D
IN
LED OUTPUTS,
CONTROL
REGISTERS
(SIMULTANEOUS)
OUT
D
D
(SERIAL)
OUT
2
1
3
4
11
12
6
7
8
10
9
5


Similar Part No. - HCMS-2975

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2975 HP-HCMS-2975 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-2975 HP-HCMS-2975 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2975 BOARDCOM-HCMS-2975 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results

Similar Description - HCMS-2975

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com