Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-70XG Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-70XG
Description  17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-70XG Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-70XG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-70XG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-70XG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-70XG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-70XG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-70XG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Contrast Enhancement
For information on contrast enhancement, please see
ApplicationNote1015.
Soldering/Cleaning
Cleaningagentsfromtheketonefamily(acetone,methyl
ethyl ketone, etc.) and from the chlorinated hydrocar-
bon family (methylene chloride, trichloro-ethylene,
carbon tetrachloride, etc.) are not recommended
for cleaning LED parts. All of these various solvents
attack or dissolve the encapsulating epoxies used
toformthepackageofplasticLEDparts.
For information on soldering LEDs, please refer to Ap-
plicationNote1027.
Device Reliability
Forreliabilityinformation,pleaseseethereliability
datasheet
17.3 mm General Purpose
5 x 7 Dot Matrix Alphanumeric Displays.
Binname
Min.[2]
Max.[2]
H
0.96
1.44
I
1.44
2.15
J
2.15
3.23
K
3.23
4.85
L
4.85
7.28
Notes:
1.Bincategoriesareestablishedforclassificationofproducts.
Productsmaynotbeavailableinallbincategories.
2.Toleranceforeachintensitybinlimitis±10%.
Green
Intensity Bin Limits[1]
(mcd at 50 mA, 20% Duty Factor)
High Efficiency Red
Binname
Min.[2]
Max.[2]
E
1.289
1.934
F
1.934
2.900
G
2.900
4.350
H
4.350
6.525
(mcd at 10 mA, 20% Duty Factor)
AlGaAs
Binname
Min.[2]
Max.[2]
I
1.55
2.33
J
2.33
3.49
Notes:
1.Bincategoriesareestablishedforclassificationofproducts.
Productsmaynotbeavailableinallbincategories.
2.Toleranceforeachintensitybinlimitis±10%.
Color Bin Limits (Dominant Wavelength)
Dominant Wavelength (nm)
Color
Bin
Min.
Max.
Green
2
573.6
576.5
3
570.6
573.5
4
567.6
570.5
5
564.5
567.5
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Limited. All rights reserved. Obsoletes 5988-8400EN
AV02-0450EN - May 23, 2007
Note:
Allcategoriesareestablishedforclassificationofproducts.Productsmay
notbeavailableinallcategories.PleasecontactyourlocalAvagorep-
resentativesforfurtherclarification/information.


Similar Part No. - HDSP-70XG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-70XG BOARDCOM-HDSP-70XG Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-70XG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B5XZ AVAGO-HDSP-B5XZ Datasheet
86Kb / 8P
   31.8 mm (1.25 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-B7XZ AVAGO-HDSP-B7XZ Datasheet
86Kb / 8P
   31.99 mm (1.26 inch) General Purpose 4x8 Dot Matrix Bi-Color Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Marktech Corporate
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
52Kb / 1P
   0.68 5x7 Dot Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com