Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2974 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2974
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2974 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2974 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2974 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2974 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2974 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2974 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2974 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-2974 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCMS-2974 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCMS-2974 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Figure 2.
Figure 1.
40 BIT
S.R.
DO
DI
DATA IN
OSCILLATOR
÷8
CLK
CHIP
ENABLE
REGISTER
SELECT
RESET
OSC
OSC
SELECT
BLANK
DATA IN
CLR
DATA
OUT
CONTROL
REGISTER
REFRESH
CONTROL
RST
PRESCALE
VALUE
H
L
H
L
L
H
D Q
RS
(LATCHED)
L
H
CURRENT
REFERENCE
PWM BRIGHTNESS
CONTROL
L
H
L
H
RS (LATCHED)
SER/PAR
MODE
40 BIT
S.R.
DO
DI
40 BIT
S.R.
DO
DI
40 BIT
S.R.
DO
DI
ANODE
CURRENT SOURCES
V LED +
GND (LED)
0
CHAR 0
COLUMN 0
COLUMN 19
CHAR 1
CHAR 2
CHAR 3
ROW 7
DOT
REGISTER
BIT # 159
ROW 1
ROW 0 (NO LEDS)
DOT
REGISTERS
AND
LATCHES
DATA OUT
xx x x
xx x x x
xx x x x
xx x x x
ROW 0
(NOT USED)
DATA TO
NEXT
CHARACTER
PIXEL
DATA FROM
PREVIOUS
CHARACTER
ROW 7
ROW 6
ROW 5
ROW 4
ROW 3
ROW 2
ROW 1


Similar Part No. - HCMS-2974

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2974 HP-HCMS-2974 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-2974 HP-HCMS-2974 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2974 AVAGO-HCMS-2974 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2974 BOARDCOM-HCMS-2974 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2974

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com