Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-88768 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # 5962-88768
Description  Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

5962-88768 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 5962-88768 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 5962-88768 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 5962-88768 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 5962-88768 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 5962-88768 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 5962-88768 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 5962-88768 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 5962-88768 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED 5962-88768 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Note���
�. Peak�orward�n�utCurrent�ul�ewidth<�0��at����zma�imumre�etitionrate.
�. Eachchannelo�amultichanneldevice.
�. Durationo�out�ut�hortcircuittimenottoe�ceed�0m�.
��. �lldevice�arecon�ideredtwo�terminaldevice���mea�uredbetweenallin�utlead�orterminal��hortedtogetherandallout�utlead�orter�
minal��hortedtogether.
�. �hi�i�amomentar��with�tandte�t��notano�eratingcondition.
6. CMi�thema�imumrateo�ri�eo�thecommonmodevoltagethatcanbe�u�tainedwiththeout�utvoltageinthelogiclow�tate(�<0.�
�).CM��i�thema�imumrateo��allo�thecommonmodevoltagethatcanbe�u�tainedwiththeout�utvoltageinthelogichigh�tate(���
�.0�).
7. tP����ro�agationdela��i�mea�ured�romthe�0%�ointontheleadingedgeo�thein�ut�ul�etothe�.���ointontheleadingedgeo�the
out�ut�ul�e.�hetP����ro�agationdela��i�mea�ured�romthe�0%�ointonthetrailingedgeo�thein�ut�ul�etothe�.���ointonthe
trailingedgeo�theout�ut�ul�e.
�. Mea�uredbetweeneachin�ut�air�hortedtogetherandallout�utconnection��orthatchannel�hortedtogether.
9. Mea�uredbetweenadjacentin�ut�air��hortedtogether�oreachmultichanneldevice.
�0.Zero�bia�ca�acitancemea�uredbetweenthe�EDanodeandcathode.
��.Standard�art�receive�00%te�tingat���C(Subgrou���and9).SMD��Cla����andCla����art�receive�00%te�tingat���������and–���C
(Subgrou���and9���and�0���and����re��ectivel��).
��.Parameter�arete�teda��arto�deviceinitialcharacterizationanda�terde�ignand�roce��change�.Parameter�guaranteedtolimit���eci�
fied�oralllot�not��ecificall��te�ted.
Typical Characteristics
�llt���icalvalue�areat�=���C���CC=������(�N)=�m�unle��otherwi�e��ecified.
Parameter
Symbol
Test Conditions
Typ.
Units
Fig.
Notes
�n�utCurrent�����tere�i�
��YS
CC=��
0.07
m�
�n�utDiode�em�erature
Coefficient
D�
D�
=�m�
��.��
m���C
�e�i�tance(�n�ut��ut�ut)
���
���=�00�dc
�0��
W
����
Ca�acitance(�n�ut��ut�ut)
C���
�=�M��z
�.0
��
����
�n�utCa�acitance
C�N
=0����=�M��z
�0
��
����0
�ut�ut�i�e�ime(�0�90%)
tr
���
n�
���7
�ut�ut�all�ime(90��0%)
t
�0
n�
���7
Single Channel Product Only
�ut�utEnable�imeto�ogic��igh
tPZ��
�0
n�
�ut�utEnable�imeto�ogic�ow
tPZ�
�0
n�
�ut�utDi�able�ime�rom�ogic��igh
tP��Z
���
n�
�ut�utDi�able�ime�rom�ogic�ow
tP�Z
��
n�
Multi-Channel Product Only
�n�ut��n�ut�n�ulation�eakage
Current
���
���
6�%��
���=�00���t=��
0.�
n�
9
�e�i�tance(�n�ut��n�ut)
���
���=�00�
�0��
W
9
Ca�acitance(�n�ut��n�ut)
C���
�=�M��z
�.�
��
9


Similar Part No. - 5962-88768

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-88768 HP-5962-88768 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
5962-8876801PA HP-5962-8876801PA Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
5962-8876801PC HP-5962-8876801PC Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
5962-8876801PX HP-5962-8876801PX Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
5962-8876801XA HP-5962-8876801XA Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results

Similar Description - 5962-88768

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com