Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451A Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5451A
Description  Six-channel, Delta-sigma Analog-to-digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5451A_05 Datasheet HTML 5Page - Cirrus Logic CS5451A_05 Datasheet HTML 6Page - Cirrus Logic CS5451A_05 Datasheet HTML 7Page - Cirrus Logic CS5451A_05 Datasheet HTML 8Page - Cirrus Logic CS5451A_05 Datasheet HTML 9Page - Cirrus Logic CS5451A_05 Datasheet HTML 10Page - Cirrus Logic CS5451A_05 Datasheet HTML 11Page - Cirrus Logic CS5451A_05 Datasheet HTML 12Page - Cirrus Logic CS5451A_05 Datasheet HTML 13Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CS5451A
10
DS635F2
When data is not being transferred SCLK is held low.
(see Figure 3.)
The framing signal (FSO) output is normally low. FSO
goes high, with a pulse width equal to one SCLK period,
when the instantaneous voltage and current data sam-
ples are about to be transmitted out of the serial inter-
face (after each A/D conversion cycle). SCLK is not
active during FSO high.
For 96 SCLK periods after FSO falls, SCLK is active and
SDO provides valid output. Six channels of 16-bit data
are output, MSB first. Figure 4 illustrates how the volt-
age and current measurements are output for the three
phases. SCLK will then be held low until the next sam-
ple period.
4.5
System Initialization
A hardware reset is initiated when the RESET pin is
forced low with a minimum pulse width of 50 ns. When
RESET is activated, all internal registers are set to a de-
fault state.
Upon powering up, the RESET pin must be held low
(active) until after the power stabilizes.
4.6
Voltage Reference
The CS5451A is specified for operation with a +1.2 V
reference between the VREFIN and AGND pins. The
converter includes an internal 1.2 V reference that can
be used by connecting the VREFOUT pin to the VRE-
FIN pin of the device. The VREFIN can be used to con-
nect external filtering and/or references.
4.7
Power Supply
The low, stable analog power consumption and superior
supply rejection of the CS5451A allow for the use of a
simple charge-pump negative supply generator. The
use of a negative supply alleviates the need for level
SCLK
FSO
SDO
12
15
14
13
0
1
2
3
4
5
6
7
8
9
10
11
15
14
13 12 11 10 9
8
7
65
4
321
Channel 1 ( I )
Channel 1 ( V )
015 14
. . .
Ch. 2 ( V ) Ch. 2 ( I )
Ch. 3 ( V )
Ch. 3 ( I )
...
...
...
. . .
. . .
. . .
[ Low ]
[ Low ]
. . .
. . .
. . .
0
1
2
3
96 SCLKs
Figure 3. One Data Frame
SCLK
FSO
SDO
Channel 1 V
Channel 2 I
Channel 3 I
Channel 2 V
Channel 3 V
Channel 1 I
Each data segment
is 16 bits long.
96 SCLKs
Figure 4. Serial Port Data Transfer


Similar Part No. - CS5451A_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
More results

Similar Description - CS5451A_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
   DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com