Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-S53E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-S53E
Description  91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-S53E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-S53E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-S53E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-S53E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-S53E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-S53E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-S53E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-S53E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-S53E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-S53E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
These displays have a 91.44 mm (3.6 inch) character
height. The devices are available in either common
row anode or common row cathode configurations.
The displays come in only black face paint and are
available in a choice of GaP Red or GaP Green colors.
The Bi-color display consists of GaP Red and GaP
Green colors.
These parts are subjected to Outgoing Quality Assur-
ance (OQA) inspection with an AQL of 0.065% for
functional and visual/cosmetic defects.
Features
•5 x 7 Dot matrix font
• Stackable horizontally
• Pin-out
– 76.2 mm (3.0 in.) Dual-In-Line (DIP) leads on 5.08 mm
(0.2 in.) centers
• Choice of colors
– Single color: red or green
– Bi-color: red and green
• Face paint color: black
• Design flexibility
– Common row anode or Common row cathode
• Categorized:
– Single color: luminous intensity
– Bi-Color: luminance
• Green categorized for color
Devices
GaP Red GaP Green
HDSP-
HDSP-
Description
S53E
S53G
91.44 mm Black Surface Common Row Anode
S58E
S58G
91.44 mm Black Surface Common Row Cathode
B53Z
91.44 mm Black Surface Bi-Color Common Row Anode
B58Z
91.44 mm Black Surface Bi-Color Common Row Cathode
Note:
1. For details, please contact your local Avago components sales office or an authorized distributor.
Applications
• Suitable for indoor use
• Not recommended for industrial applications, i.e. oper-
ating temperature requirements exceeding 85
°C or
below –35
°C
• Extreme temperature cycling not recommended[1]
HDSP-S5xE/S5xG/B5xZ Series
91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix
Alphanumeric Displays
Data Sheet


Similar Part No. - HDSP-S53E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S51E-EE000 HP-HDSP-S51E-EE000 Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S51E-EF000 HP-HDSP-S51E-EF000 Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S51E-EG000 HP-HDSP-S51E-EG000 Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S51E-FE000 HP-HDSP-S51E-FE000 Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-S53E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B58X AVAGO-HDSP-B58X Datasheet
86Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com