Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U111 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U111
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U111 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-U111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-U111 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-U111 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
AlGaAs Red
Figure 1. Maximum Tolerable Peak Current vs. Pulse
Duration – AlGaAs Red.
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. DC Forward
Current.
Figure 4. Relative Efficiency (Luminous Intensity per
Unit Current) vs. Peak Current.
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
OPERATING OF I
MAXIMUM
DC
DC OPERATION
0
0
VF – FORWARD VOLTAGE – V
160
100
60
2.0
4.0
80
20
1.0
3.0
40
AlGaAs RED
0.5
1.5
2.5
3.5
120
140
0
0
IF – FORWARD CURRENT PER SEGMENT – mA
2.00
1.50
1.25
0.75
0.25
20
40
1.75
1.00
0.50
10
30
515
25
35
AlGaAs RED
1.4
0.5
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
0.6
0.8
1.0
1.2
150.0
5.0
50.0
2.0
1.0
3.0
20.0
10.0
30.0
100.0
500.0
AlGaAs RED


Similar Part No. - HDSP-U111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U111 HP-HDSP-U111 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U111 AVAGO-HDSP-U111 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U111 AVAGO-HDSP-U111 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U111-00000 HP-HDSP-U111-00000 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U111-00036 HP-HDSP-U111-00036 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com