Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-7408 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-7408
Description  7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-7408 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-7408 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-7408 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-7408 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-7408 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-7408 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-7408 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-7408 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-7408 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-7408 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2,7]
225
480
IF = 5 mA
(Digit Average)
IV
µcd
2740
IF = 20 mA
Forward Voltage/Segment or DP
VF
2.2
2.5
V
IF = 20 mA
740x
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[3,9]
λ
d
581.5
586
592.5
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
50.0
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θ
J-PIN
200
°C/W/Seg
to-Pin
Yellow
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2,8]
860
3000
IF = 10 mA
(Digit Average)
IV
µcd
6800
IF = 20 mA
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 10 mA
780x
Peak Wavelength
λ
PEAK
566
nm
Dominant Wavelength[3,9]
λ
d
571
577
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
50.0
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θ
J-PIN
200
°C/W/Seg
to-Pin
High Performance Green
Notes:
1. Case temperature of device immediately prior to the intensity measurement is 25
°C.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of
the device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. For low current operation the AlGaAs HDSP-A101 series displays are recommended.
6. For low current operation the HER HDSP-7511 series displays are recommended.
7. For low current operation the Yellow HDSP-A801 series displays are recommended.
8. For low current operation the Green HDSP-A901 series displays are recommended.
9. The yellow (HDSP-7400) and Green (HDSP-7800) displays are categorized for dominant wavelength. The category is designated by a
number adjacent to the luminous intensity category letter.


Similar Part No. - HDSP-7408

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-7408 HP-HDSP-7408 Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results

Similar Description - HDSP-7408

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A401 AVAGO-HDSP-A401_10 Datasheet
435Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com