Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA1014 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UMA1014
Description  Low-power frequency synthesizer for mobile radio communications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1014 Datasheet(HTML) 5 Page - NXP Semiconductors

  UMA1014 Datasheet HTML 1Page - NXP Semiconductors UMA1014 Datasheet HTML 2Page - NXP Semiconductors UMA1014 Datasheet HTML 3Page - NXP Semiconductors UMA1014 Datasheet HTML 4Page - NXP Semiconductors UMA1014 Datasheet HTML 5Page - NXP Semiconductors UMA1014 Datasheet HTML 6Page - NXP Semiconductors UMA1014 Datasheet HTML 7Page - NXP Semiconductors UMA1014 Datasheet HTML 8Page - NXP Semiconductors UMA1014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
October 1992
5
Philips Semiconductors
Product specification
Low-power frequency synthesizer for
mobile radio communications
UMA1014
FUNCTIONAL DESCRIPTION
The UMA1014 is a low-power frequency synthesizer for
radio communication which operates in the
50 to 1100 MHz range. The device includes an
oscillator/buffer circuit, a reference divider, an RF divider,
a 3-state phase comparator, a charge pump and a main
control circuit to transfer the serial data into the four
internal 8-bit registers. The VCC supply feeds the logic part,
the VCP supply feeds the charge-pump only. Both supplies
are +5 V (
±10%). The power-down facility puts the
synthesizer in the idle mode (all current supplies are
switched off except in the control part). This allows any I2C
transfer and all information in the registers is retained thus
enabling fast power-up.
Main divider
The main divider is a pulse swallow type counter which is
fully programmable. After a sensitive input amplifier
(50 mV,
−13 dBm), the RF signal is applied to a 31/32
duo-modulus counter. The output is then used as the clock
for the 5-bit swallow counter R = (MD4 to MD0) and the
13-bit main counter N = (MD17 to MD5). The ratio is
transferred via the I2C-bus to the registers B, C and D, and
then buffered in an 18-bit latch. The ratio in the divider
chain is updated with the new information when the least
significant bit is received (i.e. D0). This update is
synchronized to the output of the divider in order to limit the
phase error during small jumps of the synthesized
frequency.
The main divider can be programmed to any value
between 2048 and 262143 (i.e. 218
−1). If ratio X, below
2048, is sent to the divider, the ratio (X + 2048) will be
programmed. When it is required to switch between
adjacent channels it is possible to program register D only,
thus allowing shorter I2C programming time.
Oscillator
The oscillator is a common collector Colpitts type with
external capacitive feedback. The oscillator has very small
temperature drift and high voltage supply rejection. A
TCXO or other type of clock can be used to drive the
oscillator by connecting the source (preferably
AC-coupled) to pin 1 and leaving pin 2 open-circuit. The
oscillator acts as a buffer in this mode and requires no
additional external components. The signal from the clock
source should have a minimum space width of 31 ns.
Reference divider
The reference divider is semi-programmable with 16
division ratios which can be selected via the I2C-bus. The
programming uses four bits of the register A (A3 to A0) as
listed in Table 2. These ratios allow the use of a large
number of crystal frequencies from 3 MHz up to 16 MHz.
All main channel spacings can be obtained with a single
crystal/TXCO frequency of 9.6 MHz.
Phase comparator
A diagram of the phase comparator and charge pump is
illustrated in Fig.3.
The phase comparator is both a phase and frequency
detector. The detector comprises dual flip-flops together
with logic circuitry to eliminate the dead-zone. When a
phase error is detected the UP or DOWN signal goes
HIGH. This switches on the corresponding current
generator which produces a source or sink current for the
loop filter. When no phase error is detected PCD goes high
impedance. The final tuning voltage for the VCO is
provided by the loop filter. The charge pump current is
programmable via the I2C-bus. When IPCD (bit 5) is set to
logic 1 the charge pump delivers 1 mA; when IPCD is set
to logic 0 the charge pump delivers 0.5 mA.
The phase comparator has a phase inverter logic input
(PHI). This allows the use of inverted or non-inverted loop
filter configurations. It is thus possible to use a passive
loop filter which offers higher performances without an
operational amplifier. The function of the phase
comparator is given in Table 3 and a typical transfer curve
is illustrated in Fig.4.
Out-of-lock detector
An out-of-lock detector using the UP and DOWN signals
from the phase comparator is included on-chip. The pin
VCOA is an open collector output which is forced LOW
during an out-of-lock condition. The same information is
also available via the I2C-bus in the status register (bit
OOL). When the phase error (measured at the phase
comparator) is greater than approximately 200 ns, an
out-of-lock condition is immediately flagged. The flag is
only released after 6 reference cycles when the phase
error is less than 200 ns.


Similar Part No. - UMA1014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1015AM PHILIPS-UMA1015AM Datasheet
159Kb / 24P
   Low-power dual frequency synthesizer for radio communications
1997 Sep 03
UMA1015M PHILIPS-UMA1015M Datasheet
229Kb / 24P
   Low-power dual frequency synthesizer for radio communications
1995 Jun 22
UMA1015M/C2 PHILIPS-UMA1015M/C2 Datasheet
229Kb / 24P
   Low-power dual frequency synthesizer for radio communications
1995 Jun 22
UMA1016XT PHILIPS-UMA1016XT Datasheet
86Kb / 16P
   Frequency synthesizer for radio communication equipment
1995 Jul 12
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
More results

Similar Description - UMA1014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1015M PHILIPS-UMA1015M Datasheet
229Kb / 24P
   Low-power dual frequency synthesizer for radio communications
1995 Jun 22
UMA1015AM PHILIPS-UMA1015AM Datasheet
159Kb / 24P
   Low-power dual frequency synthesizer for radio communications
1997 Sep 03
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
NXP Semiconductors
UMA1019M PHILIPS-UMA1019M Datasheet
134Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1019AM PHILIPS-UMA1019AM Datasheet
134Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
UMA1021M PHILIPS-UMA1021M Datasheet
107Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com