Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U303 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U303
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U303 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-U303 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Devices
AlGaAs Red
HER
Orange
Yellow
Green
Circuit
HDSP-
HDSP-
HDSP-
HDSP-
HDSP-
Description
Diagram
U101
U201
U401
U301
U501
Common Anode, Right
A
Hand Decimal, Gray Surface
U103
U203
U403
U303
U503
Common Cathode, Right
B
Hand Decimal, Gray Surface
U111
U211
U411
U311
U511
Common Anode, Right
A
Hand Decimal, Black Surface
U113
U213
U413
U313
U513
Common Cathode, Right
B
Hand Decimal, Black Surface
HDSP-U1xx/U2xx/U3xx/U4xx/U5xx Series
Features
• Compact package
•8 mm (0.31 inch) character height
• Choice of colors
Wide range of colors
• Excellent appearance
Evenly lighted segments
Mitered corners on segments
Gray/black surface gives optimum contrast
±50° viewing angle
• Design flexibility
Common anode or common cathode
Right hand decimal point
• Categorized for luminous intensity
Yellow and Green also categorized for color
Use of like categories yields a uniform display
• High light output
• High peak current
• Excellent for long digit string multiplexing
• Intensity and color selection option
Description
The 8 mm (0.31 inch) LED seven segment displays
are Avago’s most space-efficient character size. They
are designed for viewing distances up to 3 metres (10
feet). The numeric devices feature a right hand decimal
point. All devices are available as either common
anode or common cathode.
Typical applications include appliances, temperature
controllers, and digital panel meters.
HDSP-U1xx Series
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Data Sheet


Similar Part No. - HDSP-U303

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U303 HP-HDSP-U303 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U303 AVAGO-HDSP-U303 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U303 AVAGO-HDSP-U303 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U303-00000 HP-HDSP-U303-00000 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U303-00000 HP-HDSP-U303-00000 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U303

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com