Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0070CF51542T Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # SF0070CF51542T
Description  70 MHz Filter 500 kHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0070CF51542T Datasheet(HTML) 1 Page - Integrated Circuit Systems

  SF0070CF51542T Datasheet HTML 1Page - Integrated Circuit Systems SF0070CF51542T Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70 MHz Filter
500 kHz Bandwidth
Part Number SF0070CF51542T
Micro Networks., 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Rev 1.0 17-Dec-02
Page 1 of 2
Parameter
Min.
Typ.
Max.
Units.
Center Frequency ( Fc)
1
69.95
70.00
70.05
MHz
Insertion Loss at Fc
20
23
dB
1 dB Bandwidth
0.3
0.33
MHz
3 dB Bandwidth
0.5
0.57
MHz
40 dB Bandwidth
1.76
1.9
MHz
Passband Ripple
0.1
0.2
dB
Phase Ripple
1
3
deg p-p
Group Delay Ripple
100
300
ns p-p
Absolute Delay
2.3
us
Ultimate Rejection
50
60
dB
Substrate Material
Quartz
Ambient Temperature
25
º C
Notes:
1: Mean Value of 3 dB points
TYPICAL PERFORMANCE
Horizontal: 0.5 MHz/div
Vertical (from top):
Magnitude
10 dB/div
Magnitude
1 dB/div
Phase
5 deg/div
SPECIFICATION


Similar Part No. - SF0070CF51542T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51542T APITECH-SF0070CF51542T Datasheet
203Kb / 2P
   70 MHz Filter 500 kHz Bandwidth
More results

Similar Description - SF0070CF51542T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51542T APITECH-SF0070CF51542T Datasheet
203Kb / 2P
   70 MHz Filter 500 kHz Bandwidth
SF0070CF51541T APITECH-SF0070CF51541T Datasheet
193Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51541T ICST-SF0070CF51541T Datasheet
189Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
logo
API Technologies Corp
SF0917BA03231S APITECH-SF0917BA03231S Datasheet
1Mb / 3P
   916.5 MHz SAW Bandpass Filter, 500 kHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0917BA03231S SPECTRUM-SF0917BA03231S Datasheet
1Mb / 3P
   916.5 MHz SAW Bandpass Filter, 500 kHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51842T ICST-SF0070CF51842T Datasheet
185Kb / 2P
   70 MHz Filter 12 MHz Bandwidth
SF0070BA03039S ICST-SF0070BA03039S Datasheet
272Kb / 2P
   70 MHz Filter 20 MHz Bandwidth
logo
API Technologies Corp
SF0070CF51846T APITECH-SF0070CF51846T Datasheet
191Kb / 2P
   70 MHz Filter 16 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51543T ICST-SF0070CF51543T Datasheet
136Kb / 2P
   70 MHz Filter 0.7 MHz Bandwidth
SF0070BA03047S ICST-SF0070BA03047S Datasheet
225Kb / 2P
   70 MHz Filter 1 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com