Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM400HB-90H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM400HB-90H
Description  2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM400HB-90H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM400HB-90H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM400HB-90H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM400HB-90H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM400HB-90H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mar. 2003
MITSUBISHI HVIGBT MODULES
CM400HB-90H
HIGH POWER SWITCHING USE
INSULATED TYPE
2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
PERFORMANCE CURVES
101
100
23
10–1
57 100 23 5 7 101 23 5 7 102
103
7
5
3
2
102
7
5
3
2
7
5
3
2
VGE = 15V, Tj = 25
°C
Cies, Coes : f = 100kHz
Cres
: f = 1MHz
800
400
200
0
10
0
246
8
600
0
8
6
4
2
0
200
400
600
800
VGE=15V
Tj = 25
°C
Tj = 125
°C
7000
5000
4000
3000
2000
1000
0
6000
20
04
8
12
16
VCE=10V
Tj = 25
°C
Tj = 125
°C
020
16
12
8
4
10
8
6
4
2
0
Tj = 25
°C
Tj=25
°C
CAPACITANCE CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
0
200
400
600
800
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER CURRENT IE (A)
8
6
4
2
0
Tj = 25
°C
Tj = 125
°C
VGE=20V
VGE=15V
VGE=14V
VGE=12V
VGE=10V
IC=800A
Cies
Coes
Cres
IC=200A
IC=400A
VGE=8V


Similar Part No. - CM400HB-90H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400HB-90H POWEREX-CM400HB-90H Datasheet
65Kb / 4P
   Single IGBTMOD??HVIGBT 400 Amperes/4500 Volts
More results

Similar Description - CM400HB-90H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM800E2C-66H MITSUBISHI-CM800E2C-66H Datasheet
55Kb / 4P
   2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
CM400HG-66H MITSUBISHI-CM400HG-66H Datasheet
62Kb / 7P
   3rd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
CM400DY-66H MITSUBISHI-CM400DY-66H Datasheet
49Kb / 4P
   HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com