Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-4830 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-4830
Description  10-Element Bar Graph Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-4830 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-4830 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-4830 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-4830 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-4830 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-4830 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-4830 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-4830 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-4830 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Electrical/Optical
These versatile bar graph arrays
are composed of ten light emit-
ting diodes. The light from each
LED is optically stretched to
form individual elements. The
Red (HDSP-4820) bar graph
array LEDs use a p-n junction
diffused into a GaAsP epitaxial
layer on a GaAs substrate. The
AlGaAs Red (HLCP-J100) bar
graph array LEDs use double
heterojunction AlGaAs on a
GaAs substrate. HER (HDSP-
4830) and Yellow (HDSP-4840)
bar graph array LEDs use a
GaAsP epitaxial layer on a GaP
substrate. Green (HDSP-4850)
bar graph array LEDs use liquid
phase GaP epitaxial layer on a
GaP substrate. The multicolor
bar graph arrays (HDSP-4832/
4836) have HER, Yellow, and
Green LEDs in one package.
These displays are designed for
strobed operation. The typical
forward voltage values can be
scaled from Figures 5 and 11.
These values should be used to
calculate the current limiting
resistor value and typical power
consumption. Expected maxi-
mum VF values for driver circuit
design and maximum power
dissipation may be calculated
using the VFMAX models:
Standard Red HDSP-4820 series
VFMAX = 1.8 V + IPeak (10 Ω)
For: IPeak ≥ 5 mA
AlGaAs Red HLCP-J100 series
VFMAX = 1.8 V + IPeak (20 Ω)
For: IPeak ≤ 20 mA
VFMAX = 2.0 V + IPeak (10 Ω)
For: IPeak ≥ 20 mA
HER (HDSP-4830) and Yellow
(HDSP-4840) series
VFMAX = 1.6 + IPeak (45 Ω)
For: 5 mA
≤ I
Peak ≤ 20 mA
VFMAX = 1.75 + IPeak (38 Ω)
For: IPeak ≥ 20 mA
Green (HDSP-4850) series
VFMAX = 2.0 + IPeak (50 Ω)
For: IPeak > 5 mA
Figures 4 and 10 allow the
designer to calculate the
luminous intensity at different
peak and average currents. The
following equation calculates
intensity at different peak and
average currents:
IVAVG = (IFAVG/IFAVG DATA
SHEET)hpeak)(IVDATA
SHEET)
Where:
IVAVG is the calculated time
averaged luminous intensity
resulting from IFAVG.
IFAVG is the desired time
averaged LED current.
IFAVG DATA SHEET is the data
sheet test current for IVDATA
SHEET.
hpeak is the relative efficiency at
the peak current, scaled from
Figure 4 or 10.
IV DATA SHEET is the data
sheet luminous intensity,
resulting from IFAVG DATA
SHEET.
For example, what is the
luminous intensity of an HDSP-
4830 driven at 50 mA peak 1/5
duty factor?
IFAVG = (50 mA)(0.2) = 10 mA
IFAVG DATA SHEET = 10 mA
hpeak = 1.3
IV DATA SHEET = 3500 µcd
Therefore
IVAVG = (10 mA/10 mA)
(1.3)(3500
µcd)
= 4550
µcd


Similar Part No. - HDSP-4830

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-4830 HP-HDSP-4830 Datasheet
180Kb / 8P
   10-Element Bar Graph Array
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4830 AVAGO-HDSP-4830 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
HDSP-4830 AVAGO-HDSP-4830 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
More results

Similar Description - HDSP-4830

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLCP-J100 HP-HLCP-J100 Datasheet
180Kb / 8P
   10-Element Bar Graph Array
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4840-FG000 AVAGO-HDSP-4840-FG000 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
HLCP-J100 AVAGO-HLCP-J100_13 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
logo
BRIGHT LED ELECTRONICS ...
BA-10G1UD BRIGHT-BA-10G1UD Datasheet
138Kb / 3P
   10 BAR GRAPH ARRAY
logo
Kingbright Corporation
DC10CGKWA KINGBRIGHT-DC10CGKWA Datasheet
353Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
DC10SYKWA KINGBRIGHT-DC10SYKWA Datasheet
352Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
logo
SunLED Corporation
GURUGX10D SUNLED-GURUGX10D Datasheet
197Kb / 5P
   10 SEGMENTS BAR GRAPH ARRAY
GURX10D SUNLED-GURX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
logo
Kingbright Corporation
DC7G3HWA KINGBRIGHT-DC7G3HWA Datasheet
142Kb / 5P
   10 SEGMENT BAR GRAPH ARRAY
logo
SunLED Corporation
GUGX10D SUNLED-GUGX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com