Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSME-C120 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSME-C120
Description  AlInGaP Green ChipLED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSME-C120 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSME-C120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSME-C120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSME-C120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSME-C120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSME-C120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSME-C120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSME-C120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSME-C120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSME-C120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AgilentHSME-C110/C120/C150/
C170/C177/C190/C191/C197/C265
AlInGaP Green ChipLED
Data Sheet
Agilent reserves the right to alter prices, specification, features, capabilities, functions, release dates, and remove availability of
the product(s) at anytime.
Features
• Small size
• Industry standard footprint
• Operating temperature range of
–30˚C to +85˚C
• Compatible with IR soldering
• Available in 8 mm tape on
7" diameter reel
• Reel sealed in zip-locked
moisture barrier bags
Applications
• Membrane switch indicator
• LCD backlighting
• Pushbutton backlighting
• Front panel indicator
• Symbol backlighting
• Keypad backlighting
Description
This chip-type LED utilizes Alumi-
num Indium Gallium Phosphide
(AlInGaP) material technology. The
AlInGaP material has a very high
luminous efficiency, capable of
producing high light output.
These chipLEDs come in top
mounting, top emitting packages
(HSMx-C150/170/177/190/191/197),
top mounting, side emitting pack-
ages (HSMx-C110/120) or reverse
mounting, top emitting package
(HSMx-C265).
All packages are binned by both
color and intensity.
In order to facilitate pick and
place operation, these chipLEDs
are shipped in Tape & Reel, with
4000 units per reel for HSMx-
C120/170/ 177/190/191/197 and
3000 units per reel for HSMx-
C110/C150/265.
These packages are compatible
with reflow soldering process.


Similar Part No. - HSME-C120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSME-C120 AVAGO-HSME-C120 Datasheet
194Kb / 12P
   AlInGaP Green ChipLED
More results

Similar Description - HSME-C120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSME-C110 AVAGO-HSME-C110 Datasheet
194Kb / 12P
   AlInGaP Green ChipLED
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
   AlInGaP chipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CR00 BOARDCOM-ASMT-CR00 Datasheet
338Kb / 6P
   AlInGaP Red 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
HSMQ-C380 BOARDCOM-HSMQ-C380 Datasheet
807Kb / 9P
   Narrow Angle SMT Green ChipLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com