Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSME-C191 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSME-C191
Description  AlInGaP Green ChipLED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSME-C191 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSME-C191 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSME-C191 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSME-C191 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSME-C191 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSME-C191 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSME-C191 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSME-C191 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSME-C191 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSME-C191 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Device Selection Guide
Package Dimension (mm)[1,2]
AlInGaP Green
Package Description
1.6 (L) x 0.8 (W) x 0.6 (H)
HSME-C191
Untinted, Diffused
1.6 (L) x 0.8 (W) x 0.4 (H)
HSME-C197
Untinted, Diffused
1.6 (L) x 0.8 (W) x 0.8 (H)
HSME-C190
Untinted, Diffused
2.0 (L) x 1.25 (W) x 0.8 (H)
HSME-C170
Untinted, Diffused
2.0 (L) x 1.25 (W) x 0.4 (H)
HSME-C177
Untinted, Diffused
1.6 (L) x 0.6 (W) x 1.0 (H)
HSME-C120
Untinted, Non-diffused
3.2 (L) x 1.0 (W) x 1.5 (H)
HSME-C110
Untinted, Non-diffused
3.2 (L) x 1.6 (W) x 1.1 (H)
HSME-C150
Untinted, Diffused
3.4 (L) x 1.25 (W) x 1.1 (H)
HSME-C265
Untinted, Non-diffused
Notes:
1. Dimensions in mm.
2. Tolerance
± 0.1 mm unless otherwise noted.
Absolute Maximum Ratings at TA = 25°C
HSME-C110/120/170/177/
Parameter
190/191/197/150/265
Units
DC Forward Current[1,2]
20
mA
Power Dissipation
52
mW
Reverse Voltage (IR = 100 µA)
5
V
LED Junction Temperature
95
°C
Operating Temperature Range
–30 to +85
°C
Storage Temperature Range
–40 to +85
°C
Soldering Temperature
See reflow soldering profile (Figures 6 & 7)
Electrical Characteristics at TA = 25°C
Forward Voltage
Reverse Breakdown
Capacitance C
Thermal
VF (Volts)
VR (Volts)
(pF), VF = 0,
Resistance
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
R
θJ–PIN(°C/W)
Part Number
Typ.
Max.
Min.
Typ.
Typ.
HSME-C110/120
2.1
2.6
5
18
550
HSME-C150/170/177/190/191/197
2.1
2.6
5
15
450
HSME-C265
2.1
2.6
5
16
450
Notes:
1. Derate linearly as shown in Figure 4.
2. Drive current above 5 mA is recommended for best long term performance.


Similar Part No. - HSME-C191

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSME-C191 AVAGO-HSME-C191 Datasheet
194Kb / 12P
   AlInGaP Green ChipLED
More results

Similar Description - HSME-C191

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSME-C110 AVAGO-HSME-C110 Datasheet
194Kb / 12P
   AlInGaP Green ChipLED
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
   AlInGaP chipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CR00 BOARDCOM-ASMT-CR00 Datasheet
338Kb / 6P
   AlInGaP Red 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
HSMQ-C380 BOARDCOM-HSMQ-C380 Datasheet
807Kb / 9P
   Narrow Angle SMT Green ChipLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com