Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P51XAG30KBA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P51XAG30KBA
Description  XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P51XAG30KBA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P51XAG30KBA Datasheet HTML 3Page - NXP Semiconductors P51XAG30KBA Datasheet HTML 4Page - NXP Semiconductors P51XAG30KBA Datasheet HTML 5Page - NXP Semiconductors P51XAG30KBA Datasheet HTML 6Page - NXP Semiconductors P51XAG30KBA Datasheet HTML 7Page - NXP Semiconductors P51XAG30KBA Datasheet HTML 8Page - NXP Semiconductors P51XAG30KBA Datasheet HTML 9Page - NXP Semiconductors P51XAG30KBA Datasheet HTML 10Page - NXP Semiconductors P51XAG30KBA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Philips Semiconductors
Product specification
XA-G3
XA 16-bit microcontroller family
32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
7
NAME
RESET
VALUE
BIT FUNCTIONS AND ADDRESSES
SFR
ADDRESS
DESCRIPTION
NAME
RESET
VALUE
LSB
MSB
SFR
ADDRESS
DESCRIPTION
39F
39E
39D
39C
39B
39A
399
398
P3*
Port 3
433
RD
WR
T1
T0
INT1
INT0
TxD0
RxD0
FF
P0CFGA
Port 0 configuration A
470
Note 5
P1CFGA
Port 1 configuration A
471
Note 5
P2CFGA
Port 2 configuration A
472
Note 5
P3CFGA
Port 3 configuration A
473
Note 5
P0CFGB
Port 0 configuration B
4F0
Note 5
P1CFGB
Port 1 configuration B
4F1
Note 5
P2CFGB
Port 2 configuration B
4F2
Note 5
P3CFGB
Port 3 configuration B
4F3
Note 5
227
226
225
224
223
222
221
220
PCON*
Power control register
404
PD
IDL
00
20F
20E
20D
20C
20B
20A
209
208
PSWH*
Program status word (high byte)
401
SM
TM
RS1
RS0
IM3
IM2
IM1
IM0
Note 2
207
206
205
204
203
202
201
200
PSWL*
Program status word (low byte)
400
C
AC
V
N
Z
Note 2
217
216
215
214
213
212
211
210
PSW51*
80C51 compatible PSW
402
C
AC
F0
RS1
RS0
V
F1
P
Note 3
RTH0
Timer 0 extended reload,
high byte
455
00
RTH1
Timer 1 extended reload,
high byte
457
00
RTL0
Timer 0 extended reload, low byte
454
00
RTL1
Timer 1 extended reload, low byte
456
00
307
306
305
304
303
302
301
300
S0CON*
Serial port 0 control register
420
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
00
30F
30E
30D
30C
30B
30A
309
308
S0STAT*
Serial port 0 extended status
421
FE0
BR0
OE0
STINT0
00
S0BUF
Serial port 0 buffer register
460
x
S0ADDR
Serial port 0 address register
461
00
S0ADEN
Serial port 0 address enable
register
462
00
327
326
325
324
323
322
321
320
S1CON*
Serial port 1 control register
424
SM0_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
00
32F
32E
32D
32C
32B
32A
329
328
S1STAT*
Serial port 1 extended status
425
FE1
BR1
OE1
STINT1
00
S1BUF
Serial port 1 buffer register
464
x
S1ADDR
Serial port 1 address register
465
00
S1ADEN
Serial port 1 address enable
register
466
00
SCR
System configuration register
440
PT1
PT0
CM
PZ
00
21F
21E
21D
21C
21B
21A
219
218
SSEL*
Segment selection register
403
ESWEN
R6SEG
R5SEG
R4SEG
R3SEG
R2SEG
R1SEG
R0SEG
00
SWE
Software Interrupt Enable
47A
SWE7
SWE6
SWE5
SWE4
SWE3
SWE2
SWE1
00


Similar Part No. - P51XAG30KBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P51-50-S-N-P ETC2-P51-50-S-N-P Datasheet
446Kb / 8P
   SSI Technologies ??Application Note PS-AN2 MediaSensor Absolute, Sealed, Gage Pressure Sensors Family Product Overview
P510 ETC2-P510 Datasheet
262Kb / 4P
   AC PHASE SEQUENCE SENSOR 2 PDT OR 4PDT, 10 AMP
logo
Tripp Lite. All Rights ...
P510-006 TRIPPLITE-P510-006 Datasheet
161Kb / 2P
   VGA Monitor Extension Cable, 640x480 (HD15 M/F), 6-ft.
P510-010 TRIPPLITE-P510-010 Datasheet
161Kb / 2P
   VGA Monitor Extension Cable, 640x480 (HD15 M/F), 10-ft.
P510-025 TRIPPLITE-P510-025 Datasheet
161Kb / 2P
   VGA Monitor Extension Cable, 640x480 (HD15 M/F), 25-ft.
More results

Similar Description - P51XAG30KBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com