Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63803P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M63803P
Description  7-UNIT 300mA TRANSISTOR ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63803P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M63803P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63803P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63803P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63803P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jan. 2000
VCEO
IC
VI
Pd
Topr
Tstg
Unit :
The seven circuits share the GND.
The diode, indicated with the dotted line, is parasitic, and
cannot be used.
INPUT
OUTPUT
GND
10.5k
10k
16P4(P)
16P2N-A(FP)
16P2S-A(GP)
16P2Z-A(KP)
IN7→
7
10
IN5→
5
12
INPUT
OUTPUT
IN4
4
13
IN3→
3
IN2→
2
15
1
IN1
16
GND
NC
9
8
IN6→
6
11
NC : No connection
→ O1
→ O2
→ O3
→ O4
→ O5
→ O6
→ O7
14
Package type
Collector-emitter voltage
Collector current
Input voltage
Power dissipation
Operating temperature
Storage temperature
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63803P/FP/GP/KP
7-UNIT 300mA TRANSISTOR ARRAY
DESCRIPTION
M63803P, M63803FP, M63803GP and M63803KP are
seven-circuit Singe transistor arrays. The circuits are made
of NPN transistors. Both the semiconductor integrated cir-
cuits perform high-current driving with extremely low input-
current supply.
FEATURES
q
Four package configurations (P, FP, GP and KP)
q Medium breakdown voltage (BVCEO
≥35V)
q
Synchronizing current (IC(max) = 300mA)
q
Low output saturation voltage
q
Wide operating temperature range (Ta = –40 to +85
°C)
APPLICATION
Driving of digit drives of indication elements (LEDs and
lamps) with small signals
FUNCTION
The M63803P, M63803FP, M63803GP and M63803KP each
have seven circuits consisting of NPN transistor. The transis-
tor emitters are all connected to the GND pin (pin 8)
The transistors allow synchronous flow of 300mA collector
current. A maximum of 35V voltage can be applied
between the collector and emitter.
CIRCUIT DIAGRAM
V
mA
V
W
°C
°C
–0.5 ~ +35
300
–0.5 ~ +35
1.47
1.00
0.80
0.78
–40 ~ +85
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –40 ~ +85
°C)
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted
on board
M63803P
M63803FP
M63803GP
M63803KP


Similar Part No. - M63803P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63802FP MITSUBISHI-M63802FP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802GP MITSUBISHI-M63802GP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802KP MITSUBISHI-M63802KP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
More results

Similar Description - M63803P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63804P MITSUBISHI-M63804P Datasheet
55Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63806P MITSUBISHI-M63806P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63805P MITSUBISHI-M63805P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63807P MITSUBISHI-M63807P Datasheet
67Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54515P MITSUBISHI-M54515P Datasheet
65Kb / 2P
   7-UNIT 16mA TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com