Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63817FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M63817FP
Description  8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63817FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M63817FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63817FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63817FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63817FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63817FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Unit:
The eight circuits share the COM and GND.
The diode, indicated with the dotted line, is parasitic, and
cannot be used.
INPUT
OUTPUT
GND
10.5k
10k
COM
Package type
18P4G(P)
20P2N-A(FP)
Package type
20P2E-A(KP)
IN7→
7
12
IN5→
5
14
INPUT
OUTPUT
IN4→
4
15
IN3→
3
IN2→
2
17
1
IN1
18
IN6→
613
→O1
→O2
→O3
→O4
→O5
→O6
→O7
16
IN8→
8
11
GND
9
→O8
10
→COM COMMOM
IN7→
8
13
IN5→
6
15
INPUT
OUTPUT
IN4→
5
16
IN3→ 4
IN2→
IN1→
IN6→
7
14
3
18
→O1
→O2
→O3
→O4
→O5
→O6
→O7
17
IN8→
9
12
GND
10
→O8
11
2
19
1
20
NC
NC
→COM COMMOM
NC : No connection
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63817P/FP/KP
8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
PIN CONFIGURATION
DESCRIPTION
M63817P/FP/KP are eight-circuit Single transistor arrays
with clamping diodes. The circuits are made of NPN transis-
tors. Both the semiconductor integrated circuits perform
high-current driving with extremely low input-current supply.
FEATURES
q Three package configurations (P, FP, and KP)
q
Medium breakdown voltage (BVCEO
≥ 35V)
q Synchronizing current (IC(max) = 300mA)
q
With clamping diodes
q
Low output saturation voltage
q
Wide operating temperature range (Ta = –40 to +85
°C)
APPLICATION
Driving of digit drives of indication elements (LEDs and
lamps) with small signals
FUNCTION
The M63817P/FP/KP each have eight circuits consisting of
NPN transistor. A spike-killer clamping diode is provided be-
tween each output pin (collector) and COM pin. The transis-
tor emitters are all connected to the GND pin. The transistors
allow synchronous flow of 300mA collector current. A maxi-
mum of 35V voltage can be applied between the collector
and emitter.
CIRCUIT DIAGRAM


Similar Part No. - M63817FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63812FP MITSUBISHI-M63812FP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812GP MITSUBISHI-M63812GP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812KP MITSUBISHI-M63812KP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813FP MITSUBISHI-M63813FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M63817FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63806P MITSUBISHI-M63806P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63805P MITSUBISHI-M63805P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63807P MITSUBISHI-M63807P Datasheet
67Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com