Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63824GP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M63824GP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63824GP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M63824GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.2003
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63824GP/KP
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
DESCRIPTION
The M63824GP/KP 7-channel sinkdriver, consists of 14 NPN
transistors connected to from seven high current gain driver
pairs.
FEATURES
q High breakdown voltage (BVCEO
≥ 50V)
q High-current driving (IC(max) = 500mA)
q With clamping diodes
q 3V micro computer series compatible input
q Wide operating temperature range (Ta = –40 to +85
°C)
APPLICATION
Output for 3 voltage microcomputer series and interface with
high voltage system. Relay and small printer driver, LED, or
incandescent display digit driver.
FUNCTION
The M63824GP/KP is transistor-array of high active level
seven units type which can do direct drive of 3 voltage micro-
computer series. A resistor of 1.05k
Ω is connected between
the input pin. A clamp diode for inductive load transient sup-
pression is connected for the output pin (collector) and COM
pin (pin9). All emitters of the output transistor are connected
to GND (pin8). The outputs are capable of driving 500mA
and are rated for operation with output voltage up to 50V.
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
V
mA
V
mA
V
W
°C
°C
–0.5 ~ +50
500
–0.5 ~ +10
500
50
0.80(GP)/0.6(KP)
–40 ~ +85
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –40 ~ +85
°C)
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
IN2
IN3
IN4
IN5
IN6
IN7
GND
COM
COMMON
INPUT
OUTPUT
O1
O2
O3
O4
O5
O6
O7
16P2S-A(GP)
16P2Z-A(KP)
Package type
CIRCUIT DIAGRAM
COM
GND
1.05K
3K
7.2K
OUTPUT
INPUT
Unit :
The seven circuits share the COM and GND
The diode, indicated with the dotted line, is parasitic, and
cannot be used.


Similar Part No. - M63824GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820KP MITSUBISHI-M63820KP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823FP MITSUBISHI-M63823FP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823GP MITSUBISHI-M63823GP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M63824GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63828WP MITSUBISHI-M63828WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525P MITSUBISHI-M54525P Datasheet
450Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54524P MITSUBISHI-M54524P Datasheet
108Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525AGP MITSUBISHI-M54525AGP Datasheet
65Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54523P MITSUBISHI-M54523P Datasheet
47Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54526P MITSUBISHI-M54526P Datasheet
82Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63827WP MITSUBISHI-M63827WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63826P MITSUBISHI-M63826P Datasheet
76Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com