Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63828WP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M63828WP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63828WP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M63828WP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63828WP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63828WP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63828WP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63828WP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63828WP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63828WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –40 ~ +85
°C)
V
V
V
VO
VIH
VIL
0
5
0
50
25
0.8
IC
0
0
400
200
mA
V
V
µA
ICEO = 100
µA
II = 500
µA, IC = 350mA
II = 350
µA, IC = 200mA
II = 250
µA, IC = 100mA
VI = 10V
IF = 350mA
VR = 50V
VCE = 2V, IC = 350mA
II
VCE (sat)
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
50
1000
1.2
1.0
0.9
0.9
1.4
3000
1.6
1.3
1.1
1.5
2.0
100
V
mA
ns
ns
30
450
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
PG
50
CL
Measured device
OPEN
VO
RL
INPUT
OUTPUT
(1) Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, ZO = 50Ω
VI = 8V
(2) Input-output conditions : RL = 25
Ω, VO = 10V
(3) Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
ton
50%
50%
50%
50%
toff
INPUT
OUTPUT
Limits
min
typ
max
Unit
Parameter
Symbol
Duty Cycle
WP : no more than 8%
DP : no more than 5%
Duty Cycle
WP : no more thn 30%
DP : no more than 20%
“L” input voltage
“H” input voltage
Collector current
(Current per 1 cir-
cuit when 7 circuits
are coming on si-
multaneously)
Output voltage
IC
≤ 400mA
Collector-emitter breakdown voltage
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
V (BR) CEO
VF
IR
hFE
Collector-emitter saturation voltage
Input current
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)
Taiwan A’ssy product


Similar Part No. - M63828WP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820KP MITSUBISHI-M63820KP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823FP MITSUBISHI-M63823FP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823GP MITSUBISHI-M63823GP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M63828WP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54525P MITSUBISHI-M54525P Datasheet
450Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54524P MITSUBISHI-M54524P Datasheet
108Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525AGP MITSUBISHI-M54525AGP Datasheet
65Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54523P MITSUBISHI-M54523P Datasheet
47Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54526P MITSUBISHI-M54526P Datasheet
82Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63827WP MITSUBISHI-M63827WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63824GP MITSUBISHI-M63824GP Datasheet
43Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63826P MITSUBISHI-M63826P Datasheet
76Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com